전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC72122V 데이터시트(PDF) 10 Page - Sanyo Semicon Device

부품명 LC72122V
상세설명  PLL Frequency Synthesizer for Portable Equipment Electronic Tuning
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72122V 데이터시트(HTML) 10 Page - Sanyo Semicon Device

Back Button LC72122V Datasheet HTML 6Page - Sanyo Semicon Device LC72122V Datasheet HTML 7Page - Sanyo Semicon Device LC72122V Datasheet HTML 8Page - Sanyo Semicon Device LC72122V Datasheet HTML 9Page - Sanyo Semicon Device LC72122V Datasheet HTML 10Page - Sanyo Semicon Device LC72122V Datasheet HTML 11Page - Sanyo Semicon Device LC72122V Datasheet HTML 12Page - Sanyo Semicon Device LC72122V Datasheet HTML 13Page - Sanyo Semicon Device LC72122V Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
No. 6113-10/22
LC72122V
Continued from preceding page.
No.
Control block/data
Description
Related data
DO pin control data
• Data that determines DO pin output
DOC0, DOC1, DOC2
The open state is selected following a power-on reset.
Note: 1. end-UC: IF counter measurement completion check
ΠWhen end-UC is set and an IF count is started (CTE = 0
→ 1), the DO pin
automatically goes to the open state.
 When the IF count measurement completes, the DO pin goes low and
the count completion check operation is enabled.
Ž The DO pin goes to the open state due to serial data I/O (CE: high).
2. Goes to the open state if the IO pin itself is set to be an output port.
Caution: The DO pin always goes to the open state during the data input period (during the
period when CE is high in mode IN1 or IN2), regardless of the values of the DO pin
control data (DOC0 to DOC2). Also, the DO pin outputs the content of the internal
DO serial data in synchronization with the CL pin signal during the data output period
(during the period when CE is high in the OUT mode) regardless of the values of
the DO pin control data (DOC0 to DOC2).
Unlock detection data
• Selects the phase error (øE) detection range for PLL lock discrimination.
UL0, UL1
When a phase error greater than the specified range occurs, the LC72122V determines
that the PLL is unlocked. (*: Don’t care.)
Note: When unlocked, the DO pin goes low and the serial data output UL bit is 0.
Phase comparator
• Phase comparator dead zone control data
control data
DZ0, DZ1
Dead zone width: DZA < DZB < DZC < DZD
Clock time base
• An 8 Hz 40% duty clock time base signal can be output from BO1 by setting TBC to 1.
TBC
(The BO1 data will be ignored.)
Charge pump control data
• Data that forcibly controls the charge pump output
DLC
Note: The LC72122V provides a technique for escaping from deadlock by setting Vtune to
VCC (deadlock clear circuit). This is used when the circuit is deadlocked due to the
VCO oscillator being stopped by the VCO control voltage (Vtune) being 0 V.
(6)
(7)
(8)
(9)
(10)
UL0, UL1,
CTE,
IOC1, IOC2
DOC0,
DOC1,
DOC2
BO1
DOC2
DOC1
DOC0
DO pin state
0
0
0
Open
0
0
1
Low when the unlock state is detected
0
1
0
end-UC*1
0
1
1
Open
1
0
0
Open
1
0
1
The IO1 pin state*2
1
1
0
The IO2 pin state*2
1
1
1
Open
UL1
UL0
øE detection width
Detector output
0
0
Stopped
Open
0
1
0
øE is output directly
1
*
±6.67 µs
øE is extended by 1 to 2 ms
DZ1
DZ0
Dead zone mode
0
0
DZA
0
1
DZB
1
0
DZC
1
1
DZD
DLC
Charge pump output
0
Normal operation
1
Forced low
Continued on next page.


유사한 부품 번호 - LC72122V

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72121 SANYO-LC72121 Datasheet
379Kb / 22P
   PLL Frequency Synthesizers for Electronic Tuning
LC72121 SANYO-LC72121 Datasheet
425Kb / 23P
   PLL Frequency Synthesizers for Electronic Tuning
LC72121M SANYO-LC72121M Datasheet
379Kb / 22P
   PLL Frequency Synthesizers for Electronic Tuning
LC72121MA SANYO-LC72121MA Datasheet
250Kb / 24P
   CMOS IC PLL Frequency Synthesizers for Electronic Tuning
LC72121V SANYO-LC72121V Datasheet
379Kb / 22P
   PLL Frequency Synthesizers for Electronic Tuning
More results

유사한 설명 - LC72122V

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72135M SANYO-LC72135M Datasheet
469Kb / 24P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72136N SANYO-LC72136N Datasheet
319Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LM7000 SANYO-LM7000 Datasheet
178Kb / 7P
   Direct PLL Frequency Synthesizer for Electronic Tuning
LC7218 SANYO-LC7218 Datasheet
265Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in AV Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com