전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM843256 데이터시트(PDF) 1 Page - Micrel Semiconductor

부품명 SM843256
상세설명  10 Gigabit Ethernet and SONET, 6 output, Ultra-Low Jitter LVPECL Frequency Synthesizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM843256 데이터시트(HTML) 1 Page - Micrel Semiconductor

  SM843256 Datasheet HTML 1Page - Micrel Semiconductor SM843256 Datasheet HTML 2Page - Micrel Semiconductor SM843256 Datasheet HTML 3Page - Micrel Semiconductor SM843256 Datasheet HTML 4Page - Micrel Semiconductor SM843256 Datasheet HTML 5Page - Micrel Semiconductor SM843256 Datasheet HTML 6Page - Micrel Semiconductor SM843256 Datasheet HTML 7Page - Micrel Semiconductor SM843256 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SM843256
10 Gigabit Ethernet and SONET, 6 output,
Ultra-Low Jitter LVPECL Frequency
Synthesizer
RotaryWave is a trademark of Multigig, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2010
M9999-072110-B
General Description
The SM843256 provides a low-noise timing solution for
high speed, high accuracy synthesis of clock signals.
Common applications include SONET, Gigabit Ethernet,
10 Gigabit Ethernet, and similar networking standards. It
includes a unique power reduction methodology, along
with a patented RotaryWave
TM architecture that provides a
very stable clock with very low noise.
Power supplies of either 3.3V or 2.5V are supported, with
superior jitter and phase noise performance. The device
synthesizes
different
low
noise
LVPECL
output
frequencies such as 125MHz, 156.25MHz, 312.5MHz, and
625MHz for Ethernet applications; 77.76MHz, 155.52MHz,
311.04MHz, and 622.08MHz for SONET applications. The
crystal reference frequencies used include 25MHz and
19.44Mhz
for
Ethernet
and
SONET
applications,
respectively.
The SM843256 is an excellent replacement for IDT Femto-
clocks, with improved accuracy, power consumption,
waveform integrity, and jitter.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Generates six LVPECL outputs
• 2.5V or 3.3V operating range
• Typical phase jitter @ 156.25MHz
(1.875MHz to 20MHz): 80fs (typical) @ 3.3V
• 75MHz to 625MHz output frequencies
• Industrial temperature range
• Green, RoHS, and PFOS compliant
• Available in 24-pin TSSOP EPAD
• Operating supply modes:
Core/Output
3.3V/3.3V, 3.3V/2.5V, 2.5V/2.5V
Applications
• SONET
• Gigabit Ethernet
• 10-Gigabit Ethernet
• Infiniband
________________________________________________________________________________________________________________________
Block Diagram


유사한 부품 번호 - SM843256

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156KA MICREL-SM843251-156KA Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156KATR MICREL-SM843251-156KATR Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
More results

유사한 설명 - SM843256

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM844256 MICREL-SM844256 Datasheet
246Kb / 8P
   10 Gigabit Ethernet and SONET, 6 Output, Ultra-Low Jitter LVDS Frequency Synthesizer
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM840051 MICREL-SM840051 Datasheet
297Kb / 10P
   10 Gigabit Ethernet Ultra-Low Jitter Clock Synthesizer
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM840004-11 MICREL-SM840004-11 Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
logo
Integrated Circuit Syst...
ICS8431-11 ICST-ICS8431-11 Datasheet
2Mb / 13P
   255MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
ICS8431-01 ICST-ICS8431-01 Datasheet
2Mb / 11P
   200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
logo
Micrel Semiconductor
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com