전자부품 데이터시트 검색엔진 |
|
LC66358C 데이터시트(PDF) 8 Page - Sanyo Semicon Device |
|
LC66358C 데이터시트(HTML) 8 Page - Sanyo Semicon Device |
8 / 27 page User Options 1. Port 0, 1, 4, 5, and 8 output level at reset option The output levels at reset for I/O ports 0, 1, 4, 5, and 8, in independent 4-bit groups, can be selected from the following two options. 2. Oscillator circuit options • Main clock Note: There is no RC oscillator option. • Sub-clock 3. Watchdog timer option A runaway detection function (watchdog timer) can be selected as an option. 4. Port output type options • The output type of each bit (pin) in ports P0, P1, P2, P3 (except for the P33/HOLD pin), P4, P5, P6, and PC can be selected individually from the following two options. No. 5488-8/27 LC66E5316 Option Circuit Conditions and notes 1. External clock 2. Ceramic oscillator The input has Schmitt characteristics Option Circuit Conditions and notes 1. Ports PE0 and PE1 2 Sub-oscillator (crystal oscillator) Option Conditions and notes 1. Output high at reset The four bits of ports 0, 1, 4, 5, or 8 are set in a group 2. Output low at reset The four bits of ports 0, 1, 4, 5, or 8 are set in a group Option Circuit Conditions and notes 1. Open-drain output 2. Output with built-in pull-up resistor The port P2, P3, P5, and P6 inputs have Schmitt characteristics. The port P2, P3, P5, and P6 inputs have Schmitt characteristics. The CMOS outputs (ports P2, P3, P6, and PC) and the pull-up MOS outputs (P0, P1, P4, and P5) are distinguished by the drive capacity of the p-channel transistor. OSC1 OSC1 OSC2 C1 C2 Ceramic oscillator DSB Input data XT1 XT2 C1 C2 Crystal oscillator DSB Output data Input data DSB Output data Input data |
유사한 부품 번호 - LC66358C |
|
유사한 설명 - LC66358C |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |