전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC662106A 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LC662106A
상세설명  Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC662106A 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LC662106A Datasheet HTML 1Page - Sanyo Semicon Device LC662106A Datasheet HTML 2Page - Sanyo Semicon Device LC662106A Datasheet HTML 3Page - Sanyo Semicon Device LC662106A Datasheet HTML 4Page - Sanyo Semicon Device LC662106A Datasheet HTML 5Page - Sanyo Semicon Device LC662106A Datasheet HTML 6Page - Sanyo Semicon Device LC662106A Datasheet HTML 7Page - Sanyo Semicon Device LC662106A Datasheet HTML 8Page - Sanyo Semicon Device LC662106A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Series Organization
Note: * Under development
No. 5486-2/26
LC66E2316
Type No.
No. of
ROM capacity
RAM
Package
Features
pins
capacity
LC66304A/306A/308A
42
4 K/6 K/8 KB
512 W
DIP42S
QFP48E
LC66404A/406A/408A
42
4 K/6 K/8 KB
512 W
DIP42S
QFP48E
LC66506B/508B/512B/516B
64
6 K/8 K/12 K/16 KB
512 W
DIP64S
QFP64A
LC66354A/356A/358A
42
4 K/6 K/8 KB
512 W
DIP42S
QFP48E
LC66354S/356S/358S
42
4 K/6 K/8 KB
512 W
QFP44M
LC66556A/558A/562A/566A
64
6 K/8 K/12 K/16 KB
512 W
DIP64S
QFP64E
LC66354B/356B/358B
42
4 K/6 K/8 KB
512 W
DIP42S
QFP48E
Low-voltage high-speed versions
LC66556B/558B/562B/566B
64
6 K/8 K/12 K/16 KB
512 W
DIP64S
QFP64E
3.0 to 5.5 V/0.92 µs
LC66354C/356C/358C
42
4 K/6 K/8 KB
512 W
DIP42S
QFP48E
2.5 to 5.5 V/0.92 µs
LC662104A/06A/08A
30
4 K/6 K/8 KB
384 W
DIP30SD
MFP30S
LC662304A/06A/08A/12A/16A
42
4 K/6 K/8 K/12 K/16 KB 512 W
DIP42S
QFP48E
LC662508A/12A/16A
64
8 K/12 K/16 KB
512 W
DIP64S
QFP64E
LC665304A/06A/08A/12A/16A
48
4 K/6 K/8 K/12 K/16 KB 512 W
DIP48S
QFP48E
Dual oscillator support
3.0 to 5.5 V/0.95 µs
LC66E308
42
EPROM 8 KB
512 W
DIC42S
QFC48
with window
with window
LC66P308
42
OTPROM 8 KB
512 W
DIP42S
QFP48E
LC66E408
42
EPROM 8 KB
512 W
DIC42S
QFC48
with window
with window
LC66P408
42
OTPROM 8 KB
512 W
DIP42S
QFP48E
LC66E516
64
EPROM 16 KB
512 W
DIC64S
QFC64
with window
with window
LC66P516
64
OTPROM 16 KB
512 W
DIP64S
QFP64E
LC66E2108*
30
EPROM 8 KB
384 W
LC66E2316
42
EPROM 16 KB
512 W
DIC42S
QFC48
with window
with window
LC66E2516
64
EPROM 16 KB
512 W
DIC64S
QFC64
with window
with window
LC66E5316
52/48
EPROM 16 KB
512 W
DIC52S
QFC48
with window
with window
LC66P2108*
30
OTPROM 8 KB
384 W
DIP30SD
MFP30S
LC66P2316*
42
OTPROM 16 KB
512 W
DIP42S
QFP48E
LC66P2516
64
OTPROM 16 KB
512 W
DIP64S
QFP64E
LC66P5316
48
OTPROM 16 KB
512 W
DIP48S
QFP48E
OTP
4.0 to 5.5 V/0.95 µs
Window evaluation versions
4.5 to 5.5 V/0.92 µs
Window and OTP evaluation versions
4.5 to 5.5 V/0.92 µs
On-chip DTMF generator versions
3.0 to 5.5 V/0.95 µs
Low-voltage versions
2.2 to 5.5 V/3.92 µs
Normal versions
4.0 to 6.0 V/0.92 µs


유사한 부품 번호 - LC662106A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC662106A SANYO-LC662106A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662106A SANYO-LC662106A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662106A SANYO-LC662106A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662106A SANYO-LC662106A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662106A SANYO-LC662106A Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
More results

유사한 설명 - LC662106A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC58E7008 SANYO-LC58E7008 Datasheet
486Kb / 17P
   On-Chip EPROM Microcomputer 4-Bit Single-Chip Microcontroller with LCD Driver, 16 Kbytes of EPROM and 2Kbits of RAM On-Chip
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
logo
Siemens Semiconductor G...
C167CR-16F SIEMENS-C167CR-16F Datasheet
3Mb / 62P
   16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com