전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC72348G 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LC72348G
상세설명  Low-Voltage ETR Controller with On-Chip LCD Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72348G 데이터시트(HTML) 6 Page - Sanyo Semicon Device

Back Button LC72348G Datasheet HTML 2Page - Sanyo Semicon Device LC72348G Datasheet HTML 3Page - Sanyo Semicon Device LC72348G Datasheet HTML 4Page - Sanyo Semicon Device LC72348G Datasheet HTML 5Page - Sanyo Semicon Device LC72348G Datasheet HTML 6Page - Sanyo Semicon Device LC72348G Datasheet HTML 7Page - Sanyo Semicon Device LC72348G Datasheet HTML 8Page - Sanyo Semicon Device LC72348G Datasheet HTML 9Page - Sanyo Semicon Device LC72348G Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Block Diagram
No. 6472-6/14
LC72348G/W, 72349G/W
PHASE
DETECTOR
REFERENCE DIVIDER
DIVIDER
SYSTEM CLOCK
GENERATOR
PROGRAMMBLE DIVIDER
1/16,1/17
VSENSE
SEG
LA
P-ON
RESET
1/2
TIME BASE
CONTROL
BANK
COUNT
END
ADDRESS
DECODER
DATA BUS
TIMER 0
JUDGE
ALU
CF
SKIP
BANK
LATCH
A
STACK
4
14
14
ADDRESS COUNTER
ADDRESS DECODER
ROM
3k
16bits
(LC72348)
4k
16bits
(LC72349)
RAM
192
×
×
×
×
4bits(LC72348)
256 4bits(LC72349)
BUS
CONTROL
JMP
CAL
RETURN
INTERRUPT
RESET
INSTRUCTION
DECODER
PLL DATA LATCH
PLL CONTROL
FM LOCAL 1/256
AM LOCAL 1/2
DATA
LATCH
BUS
DRIVER
DATA
LATCH
BUS
DRIVER
BUS
DRIVER
XIN
XOUT
FMIN
PC2
PC1
PC0
PC3
PA3
PA2
PA1
PA0
TEST2
TEST1
RES
*
AMIN
S16/PH3
S15/PH2
S13/PH0
S14/PH1
LCD
PORT
DRIVER
LCPA/B
LCDA/B
EO
S12
S1
VSS
VDD
PB2
PB1
PB0
PB3
*
DATA
LATCH
BUS
DRIVER
PD2
PD1
INT/PD0
AGND
AOUT
AIN
PD3
LATCH
B
PE0/BEEP
COM1
COM2
COM3
COM4
DBR4
DBR3
DBR2
DBR1
S20/PG3
S19/PG2
S17/PG0
S18/PG1
DATA
LATCH
BUS
DRIVER
ADC
(5bits)
MPX
MPX
BEEP TONE
COMMON
DRIVER
DOUBLER
CIRCUIT
DATA
LATCH
BUS
DRIVER
DATA
LATCH
/
/
BUS
DRIVER
DATA
LATCH
BUS
DRIVER
7
80
PF1/ADI1
PF0/ADI0
PE1
PF2/ADI3
TU
75kHz
1/2
/
/
/
/
/


유사한 부품 번호 - LC72348G

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC723481W SANYO-LC723481W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
LC723482W SANYO-LC723482W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
LC723483W SANYO-LC723483W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
More results

유사한 설명 - LC72348G

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC723481W SANYO-LC723481W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
logo
NEC
UPD16682 NEC-UPD16682 Datasheet
435Kb / 31P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD16682A NEC-UPD16682A Datasheet
330Kb / 55P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Renesas Technology Corp
PD16682 RENESAS-PD16682_15 Datasheet
557Kb / 58P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Sanyo Semicon Device
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
logo
Sitronix Technology Co....
ST7789V2 SITRONIX-ST7789V2 Datasheet
3Mb / 319P
   Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2016/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com