전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC72700G 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LC72700G
상세설명  Mobile FM Multiplex Broadcast Receiver LSI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72700G 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LC72700G Datasheet HTML 1Page - Sanyo Semicon Device LC72700G Datasheet HTML 2Page - Sanyo Semicon Device LC72700G Datasheet HTML 3Page - Sanyo Semicon Device LC72700G Datasheet HTML 4Page - Sanyo Semicon Device LC72700G Datasheet HTML 5Page - Sanyo Semicon Device LC72700G Datasheet HTML 6Page - Sanyo Semicon Device LC72700G Datasheet HTML 7Page - Sanyo Semicon Device LC72700G Datasheet HTML 8Page - Sanyo Semicon Device LC72700G Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Allowable Operating Ranges at Ta = –40 to +85°C, VSS = 0 V
Note: 1. This LSI operates at a frequency of 7.2 MHz ±250 ppm.
2. See the parallel data timing.
3. See the parallel data timing.
Electrical Characteristics in the Allowable Operating Ranges
No. 4870-2/14
LC72700E, LC72700G
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD
4.5
5.0
5.5
V
VIH1
MSK, DAT0 to 7, RE, PST, S/P, PORT0 to 2, RST,
0.7 VDD
VDD
V
Input high level voltage
TEST1, TEST2
VIH2
CL, CE, DI
0.7 VDD
5.5
V
VIL1
MSK, DAT0 to 7, RE, PST, S/P, PORT0 to 2, RST,
VSS
0.3 VDD
V
Input low level voltage
TEST1, TEST2
VIL2
CL, CE, DI
VSS
0.3 VDD
V
Oscillator frequency
FOSC
*1
7.2
MHz
Input sensitivity
VXI
XIN, sine wave, capacitive coupling
400
1500
mVrms
Serial I/O*2
Clock low level time
tCL
CL
0.7
µs
Clock high level time
tCH
CL
0.7
µs
Data setup time
tSU
CL, DI
0.7
µs
Data hold time
tHD
CL, DI
0.7
µs
CE wait time
tEL
CL, CE
0.7
µs
CE setup time
tES
CL, CE
0.7
µs
CE hold time
tEH
CL, CE
0.7
µs
Data latch switching time
tLC
0.7
µs
Data output time
tDDO
DO, CE
277
555
ns
Parallel I/O*3
RE wait time
tRE
RE
1
µs
RDY wait time
tDRD
RE, RDY
0.5
0.8
µs
RDY output time
tRDY
RDY
2.2
µs
PST input time
tPS
PST
0.3
µs
PST hold time
tPH
PST, DAT0 to 7, PORT0 to 2
10
ns
I/O direction switching time
tDIR
PST, DAT0 to 7
0.5
0.8
µs
Parameter
Symbol
Conditions
min
typ
max
Unit
VOH1
IO = 1 mA, FILCK, CLK, DATA
VDD – 1.0
V
High level output voltage
V
OH2
IO = 2 mA, DAT0 to 7, BCLOCK, FCLOCK, BL-CK,
V
DD – 0.4
V
FC-CK, INT-R, RDY, RDY0
Low level output voltage
VOL1
IO = 1 mA, for the VOH1 applicable pins
1.0
V
VOL2
IO = 2 mA, for the VOH2 applicable pins
0.4
V
VOL3
IO = 2 mA, DO
0.4
V
IIH1
VIN = 5.5 V, CE, CL, DI
1
µA
High level input current
IIH2
VIN = VDD, input pins except IIH1
1
µA
IIL1
VIN = VSS, CE, CL, DI
–1
µA
Low level input current
I
IL2
VIN = VSS, inputs with pull-up resistors, RE, PST,
–100
µA
PORT0 to 2, S/P
IIL3
VIN = VSS, MSK, RST
–1
µA
Output off leakage current
IOFF
VO = VDD, DO
5
µA
Hysteresis voltage
VHIS
MSK, CL, CE, DI, RST
0.1 VDD
V
Built-in feedback resistance
Rf
XIN, XOUT
1.0
M
Pull-up resistance
Rpu
RE, PST, PORT0 to 2, S/P
50
k
Current drain
IDD
16
25
mA


유사한 부품 번호 - LC72700G

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72705 SANYO-LC72705 Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72706 SANYO-LC72706 Datasheet
164Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
LC72706E SANYO-LC72706E Datasheet
164Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
LC72707 SANYO-LC72707 Datasheet
160Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
More results

유사한 설명 - LC72700G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
OKI electronic componet...
MSM9552 OKI-MSM9552 Datasheet
63Kb / 7P
   LSI for FM Multiplex Data Demodulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com