전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC72700 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LC72700
상세설명  Mobile FM Multiplex Broadcast Receiver LSI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72700 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LC72700 Datasheet HTML 1Page - Sanyo Semicon Device LC72700 Datasheet HTML 2Page - Sanyo Semicon Device LC72700 Datasheet HTML 3Page - Sanyo Semicon Device LC72700 Datasheet HTML 4Page - Sanyo Semicon Device LC72700 Datasheet HTML 5Page - Sanyo Semicon Device LC72700 Datasheet HTML 6Page - Sanyo Semicon Device LC72700 Datasheet HTML 7Page - Sanyo Semicon Device LC72700 Datasheet HTML 8Page - Sanyo Semicon Device LC72700 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Overview
The LC72700E and LC72700G are data decoder LSIs for
receiving DARCTM mobile FM multiplex broadcasts. A
multi-function, compact, adjustment-free system can be
implemented in two chips by combining this LSI with the
LV3400M band-pass filter IC, which extracts the
multiplex components from a composite FM signal.
Functions and Features
• Delay detection scheme using a 1T delay
• Built-in error correction function using a 2T delay
• Digital PLL clock regeneration
• Block and frame synchronization detection with a
settable synchronization protection count
• Settable block identifier code (BIC) detection precision
• Error correction using (272,190) codes
• Built-in frame memory for product codes
• Support for both serial and parallel data I/O
• Package
LC72700E: QFP48E
LC72700G: QFP48G
CMOS LSI
Ordering number : EN4870E
63097HA (OT)/D3095HA (OT)/D1594TH (OT) No.4870-1/14
SANYO: QFP48E
[LC72700E]
SANYO: QFP48G
[LC72700G]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Mobile FM Multiplex Broadcast Receiver LSI
LC72700E, LC72700G
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
–0.3 to +7.0
V
Input voltage
VIN1
CL, CE, and DI pins
–0.3 to +7.0
V
VIN2
Input pins other than VIN1
–0.3 to VDD + 0.3
V
Output voltage
VOUT1
DO pin
–0.3 to +7.0
V
VOUT2
Output pins other than VOUT1
–0.3 to VDD + 0.3
V
Output current
IOUT
BCLOCK, FCLOCK, and DO pins
0 to 4.0
mA
Allowable power dissipation
Pd max
Ta
≤ 85°C
400
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Package Dimensions
unit: mm
3156-QFP48E
unit: mm
3229-QFP48G
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.


유사한 부품 번호 - LC72700

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72705 SANYO-LC72705 Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72706 SANYO-LC72706 Datasheet
164Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
LC72706E SANYO-LC72706E Datasheet
164Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
LC72707 SANYO-LC72707 Datasheet
160Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
More results

유사한 설명 - LC72700

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
OKI electronic componet...
MSM9552 OKI-MSM9552 Datasheet
63Kb / 7P
   LSI for FM Multiplex Data Demodulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com