전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT46W 데이터시트(PDF) 3 Page - Weitron Technology

부품명 BAT46W
상세설명  Surface Mount Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAT46W 데이터시트(HTML) 3 Page - Weitron Technology

  BAT46W Datasheet HTML 1Page - Weitron Technology BAT46W Datasheet HTML 2Page - Weitron Technology BAT46W Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BAT4
6W
WEITRON
http://www.weitron.com.tw
Electrical Characteristic curves(TA=25˚C)
0
50
100
250
0
25
50
75
125
150
T , AMBIENT TEMPERATURE (°C)
Fig.1 Power Derating Curve
A
100
150
200
3/3
29-Dec-09


유사한 부품 번호 - BAT46W

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BAT46W STMICROELECTRONICS-BAT46W Datasheet
53Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Intersil Corporation
BAT46W INTERSIL-BAT46W Datasheet
531Kb / 10P
   ISL6844 Reference Design: ISL6844EVAL3Z
logo
Diodes Incorporated
BAT46W DIODES-BAT46W Datasheet
277Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAT46W DIODES-BAT46W Datasheet
65Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30044 Rev. 4 - 2
logo
Micro Commercial Compon...
BAT46W MCC-BAT46W Datasheet
229Kb / 3P
   200mW Schottky Diode 100 Volts High breakdown Voltage
More results

유사한 설명 - BAT46W

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com