전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT54 데이터시트(PDF) 3 Page - Weitron Technology

부품명 BAT54
상세설명  Surface Mount Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAT54 데이터시트(HTML) 3 Page - Weitron Technology

  BAT54 Datasheet HTML 1Page - Weitron Technology BAT54 Datasheet HTML 2Page - Weitron Technology BAT54 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FIG.1 Recovery Time Equivalent Test Circuit
WEITRON
0
5
10
15
20
25
30
14
12
10
8
6
4
2
0
VR, REVERSE VOLTAGE (VOLTS)
FIG.4 Total Capacitance
http://www.weitron.com.tw
VR, REVERSE VOLTAGE (VOLTS)
FIG.3 Leakage Current
0
5
10
15
20
25
30
1000
100
10
1.0
0.1
0.01
0.001
TA=150 C
TA=125 C
TA=85 C
TA=25 C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
100
10
1.0
0.1
150 C
25 C
-40 C
-55 C
85 C
125 C
VF, FORWARD VOLTAGE (VOLTS)
FIG.2 Forward Voltage
+10V
820
2.0K
100 µH
0.1µF
50
OUTPUT
PULSE
GENERATOR
50
INPUT
SAMPLING
OSCILLOSCOPE
IF
D.U.T.
0.1µF
VR
INPUT SIGNAL
tr
tp
10%
90%
t
IF
IR
trr
t
IR(REC)=1.0mA
OUTPUT PULSE
(IF=IR=10mA, MEASURED
AT IR(REC)=1.0mA
Notes:1. A 2.0 k
variable resistor for a Forward Current (IF) 0f 10 mA
2. Input pules is adjusted so IR(peak) is equal to 10 mA
3. tp trr
»
?
?
?
?
BAT54/BAT54C
BAT54A/BAT54S
3/3
Rev.B 12-Oct-09


유사한 부품 번호 - BAT54

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BAT54 PANJIT-BAT54 Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Guilin Strong Micro-Ele...
BAT54 GSME-BAT54 Datasheet
255Kb / 2P
   SCHOTTKY DIODE
logo
SamHop Microelectronics...
BAT54 SAMHOP-BAT54 Datasheet
336Kb / 14P
   1.2MHz STEP-UP CONVERTER
logo
FutureWafer Tech Co.,Lt...
BAT54 FUTUREWAFER-BAT54 Datasheet
1Mb / 15P
   Surface Mount Schottky Barrier Diode
07-DEC-2021 V 2.1
logo
Diotec Semiconductor
BAT54 DIOTEC-BAT54 Datasheet
262Kb / 2P
   Surface mount Schottky-Barrier Single-/ Double-Diodes
More results

유사한 설명 - BAT54

제조업체부품명데이터시트상세설명
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751S WEITRON-WSD751S Datasheet
560Kb / 3P
   Surface Mount Schottky Barrier Diodes
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
BAS40 PACELEADER-BAS40 Datasheet
336Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70 PACELEADER-BAS70 Datasheet
346Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70W PACELEADER-BAS70W Datasheet
673Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Continental Device Indi...
BAS70W CDIL-BAS70W Datasheet
346Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
PSD490 PACELEADER-PSD490 Datasheet
173Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
PSD520S-40 PACELEADER-PSD520S-40 Datasheet
396Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com