전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC74730M 데이터시트(PDF) 10 Page - Sanyo Semicon Device

부품명 LC74730M
상세설명  On-Screen Display Controller LSI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74730M 데이터시트(HTML) 10 Page - Sanyo Semicon Device

Back Button LC74730M Datasheet HTML 6Page - Sanyo Semicon Device LC74730M Datasheet HTML 7Page - Sanyo Semicon Device LC74730M Datasheet HTML 8Page - Sanyo Semicon Device LC74730M Datasheet HTML 9Page - Sanyo Semicon Device LC74730M Datasheet HTML 10Page - Sanyo Semicon Device LC74730M Datasheet HTML 11Page - Sanyo Semicon Device LC74730M Datasheet HTML 12Page - Sanyo Semicon Device LC74730M Datasheet HTML 13Page - Sanyo Semicon Device LC74730M Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
} COMMAND 5 (Synchronizing signal control setup command)
First byte
Second byte
Note: All these registers are set to 0 by a reset due to the RST pin.
Display Screen Organization
The display screen consists of 10 lines of 24 characters each. Thus the maximum number of characters that can be
displayed is 240 characters. However, the maximum number of characters that can be displayed may be fewer than 240
when characters are enlarged. The display memory address consists of a line address (with values from 0 to 9 decimal),
and a column (character position) address (with values from 0 to 23 decimal).
No. 4247-10/14
LC74730M
Register content
DA0 to DA7
Register name
State
Function
Note
7
0
Second byte identification bit
6
0
5
0
4
0
3
SN3
0
1
2
SN2
0
1
1
SN1
0
1
0
SN0
0
1
External synchronizing signal detection
control
SN3 SN2 SN1 SN0
Number of times HSYNC detected
0
0
0
0
Not detected
0
0
0
1
16 times
0
0
1
0
32 times
0
1
0
0
64 times
1
0
0
0
128 times
Register content
DA0 to DA7
Register name
State
Function
Note
7
1
6
1
Command 5 identification code
5
0
Sets up control of the synchronizing signals
4
1
0
3
PH1
1
0
2
PH0
1
1
BCL
0
Background color displayed.
Valid only in internal synchronization
1
No background color (only the background level is set).
mode
0
INT
0
External synchronization
Switches between internal and external
1
Internal synchronization
synchronization.
Sets the background color
(one of 4 colors).
There is only one background color
(blue) in PAL-M mode.
PHASE1 PHASE0
Background color (phase)
0
0
π/2
0
1
π
1
0
3
π/2
1
1
In phase


유사한 부품 번호 - LC74730M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC74731 SANYO-LC74731 Datasheet
157Kb / 38P
   On-Screen Display Controller
LC74731W SANYO-LC74731W Datasheet
157Kb / 38P
   On-Screen Display Controller
LC74731W SANYO-LC74731W Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74731W ONSEMI-LC74731W Datasheet
339Kb / 39P
   On-Screen Display Controller
March 2015 - Rev. 1
LC74731W-9818-E ONSEMI-LC74731W-9818-E Datasheet
339Kb / 39P
   On-Screen Display Controller
March 2015 - Rev. 1
More results

유사한 설명 - LC74730M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com