전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM17 데이터시트(PDF) 2 Page - Weitron Technology

부품명 SM17
상세설명  Surface Mount Schottky Power Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SM17 데이터시트(HTML) 2 Page - Weitron Technology

  SM17_08 Datasheet HTML 1Page - Weitron Technology SM17_08 Datasheet HTML 2Page - Weitron Technology SM17_08 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Rating
Characteristic
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
RMS Reverse Voltage
Average Rectifier Forward Current
Peak Repetitive Forward Current
(Rate VR,Square Wave, 20 KHz)
Non-Repetitive Peak Square Current
(Surge Applied atRated Load Condition
Halfware, Single Phase, 60Hz)
Operating Temperature Range
Thermal Resistance Junction-ambient
Thermal Resistance Junction-case
Storage Temperature Range
Operating Ambient Temperature Range
Top
V
V
V
V
I
I
I
T
SM17
SM18 SM19
UNIT
14
21
28
V
V
1.0
1.0
25
+125
88
40
-65 to +150
-65 to +125
A
A
A
°C
°C/W
°C/W
°C
°C
Characteristic
Electrical Characteristic
Maximum Instantaneous Reverse Current
(Rated DC Voltage,Tc=25 C)
(Rated DC Voltage,Tc=100 C)
Maximum Instanatneous Forward Voltage
(IF=1.0Amp)
Symbol
SM17
SM18 SM19
UNIT
Typical Junction Capacitance
(VR=4.0V, f=1.0MHz)
V
I
C
0.450
0.50
0.50
V
mA
F
0.5
50
50
Symbol
SM17 thru SM19
WEITRON
http://www.weitron.com.tw
P
20
30
40
J
TSTG
RθJA
RθJC
P
R
F
FSM
FM
F(AV)
R(RMS)
R
RWM
RRM
2/3
Rev.A 23-Apr-08


유사한 부품 번호 - SM17_08

제조업체부품명데이터시트상세설명
logo
DB Unlimited.
SM171008-1 DBUNLIMITED-SM171008-1 Datasheet
838Kb / 1P
   Released from Engineering
logo
Stealth Microwave, Inc.
SM1720-34HS STEALTH_MICROWAVE-SM1720-34HS Datasheet
64Kb / 2P
   1700-2000 MHz 3 Watt Linear Power Amplifier
SM1720-37H STEALTH_MICROWAVE-SM1720-37H Datasheet
93Kb / 2P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM1720-37HS STEALTH_MICROWAVE-SM1720-37HS Datasheet
89Kb / 3P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM1720-41L STEALTH_MICROWAVE-SM1720-41L Datasheet
104Kb / 2P
   1700-2000 MHz 12 Watt Linear Power Amplifier
More results

유사한 설명 - SM17_08

제조업체부품명데이터시트상세설명
logo
Weitron Technology
SM17 WEITRON-SM17 Datasheet
145Kb / 3P
   Surface Mount Schottky Power Rectifiers
logo
Diotec Semiconductor
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA Datasheet
53Kb / 2P
   Surface Mount Schottky-Rectifiers
SM5817 DIOTEC-SM5817 Datasheet
169Kb / 2P
   Surface Mount Schottky-Rectifiers
logo
Guangdong Juxing Electr...
SS52_DO-214AB JUXING-SS52_DO-214AB Datasheet
1Mb / 2P
   Surface Mount Schottky Rectifiers
SS22F JUXING-SS22F Datasheet
653Kb / 3P
   Surface Mount Schottky Rectifiers
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Shenzhen Luguang Electr...
LGL341-20 LUGUANG-LGL341-20 Datasheet
420Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SS52F YIXIN-SS52F Datasheet
184Kb / 2P
   Surface Mount Schottky Rectifiers
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com