전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMB5925B 데이터시트(PDF) 2 Page - Weitron Technology

부품명 SMB5925B
상세설명  Surface Mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SMB5925B 데이터시트(HTML) 2 Page - Weitron Technology

  SMB5925B Datasheet HTML 1Page - Weitron Technology SMB5925B Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Max.
DC Zener
Current
IZM
Nom. V
mA
mA
mA
uA
V
mA
SMB5921B
6.8
55.1
2.5
55.1
200
1.00
5.0
5.2
440.0
21B
SMB5922B
7.5
50.0
3.0
50.0
400
0.50
5.0
6.0
400.0
22B
SMB5923B
8.2
45.7
3.5
45.7
400
0.50
5.0
6.5
364.0
23B
SMB5924B
9.1
41.2
4.0
41.2
500
0.50
5.0
7.0
328.0
24B
SMB5925B
10.0
37.5
4.5
37.5
500
0.25
5.0
8.0
300.0
25B
SMB5926B
11.0
34.1
5.5
34.1
550
0.25
5.0
8.4
272.0
26B
SMB5927B
12.0
31.2
6.5
31.2
550
0.25
1.0
9.1
250.0
27B
SMB5928B
13.0
28.8
7.0
28.8
550
0.25
1.0
9.9
230.0
28B
SMB5929B
15.0
25.0
9.0
25.0
600
0.25
1.0
11.4
200.0
29B
SMB5930B
16.0
23.4
10.0
23.4
600
0.25
1.0
12.2
186.0
30B
SMB5931B
18.0
20.8
12.0
20.8
650
0.25
1.0
13.7
166.0
31B
SMB5932B
20.0
18.7
14.0
18.7
650
0.25
1.0
15.2
150.0
32B
SMB5933B
22.0
17.0
18.0
17.0
650
0.25
1.0
16.7
136.0
33B
SMB5934B
24.0
15.6
19.0
15.6
700
0.25
1.0
18.2
124.0
34B
SMB5935B
27.0
13.9
23.0
13.9
700
0.25
1.0
20.6
110.0
35B
SMB5936B
30.0
12.5
26.0
12.5
750
0.25
1.0
22.8
100.0
36B
SMB5937B
33.0
11.4
33.0
11.4
800
0.25
1.0
25.1
90.0
37B
SMB5938B
36.0
10.4
38.0
10.4
850
0.25
1.0
27.4
82.0
38B
SMB5939B
39.0
9.6
45.0
9.6
900
0.25
1.0
29.7
76.0
39B
SMB5940B
43.0
8.7
53.0
8.7
950
0.25
1.0
32.7
68.0
40B
SMB5941B
47.0
8.0
67.0
8.0
1000
0.25
1.0
35.8
62.0
41B
SMB5942B
51.0
7.3
70.0
7.3
1100
0.25
1.0
38.8
58.0
42B
SMB5943B
56.0
6.7
86.0
6.7
1300
0.25
1.0
42.6
52.0
43B
SMB5944B
62.0
6.0
100.0
6.0
1500
0.25
1.0
47.1
48.0
44B
SMB5945B
68.0
5.5
120.0
5.5
1700
0.25
1.0
51.7
44.0
45B
SMB5946B
75.0
5.0
140.0
5.0
2000
0.25
1.0
56.0
40.0
46B
SMB5947B
82.0
4.6
160.0
4.6
2500
0.25
1.0
62.2
36.0
47B
SMB5948B
91.0
4.1
200.0
4.1
3000
0.25
1.0
69.2
32.0
48B
SMB5949B
100.0
3.7
250.0
3.7
3100
0.25
1.0
76.0
30.0
49B
Part
Number
Nominal Zener
Voltage
Max. Zener Impedance
Max. Reverse
Leakage Current
Marking
Code
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
2/2
Rev.A 04-Nov-09
SMB5921B series
WEITRON
http://www.weitron.com.tw
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Parameter
Symbol
Value
UNIT
DC Power Dissipation at TL = 50°C
PD
3.0
W
Junction Temperature Range
TJ
-55 to +175
°C
Storage Temperature Range
TSTG
-55 to +175
°C


유사한 부품 번호 - SMB5925B

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMB5925B SECOS-SMB5925B Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
PACELEADER INDUSTRIAL
SMB5925B PACELEADER-SMB5925B Datasheet
381Kb / 2P
   SURFACE MOUNT ZENER TYPE
logo
SeCoS Halbleitertechnol...
SMB5925B SECOS-SMB5925B Datasheet
238Kb / 3P
   VOLTAGE 6.2 V ~ 200 V 1.5 Watts Surface Mount Zener Diode
logo
Dc Components
SMB5925B DCCOM-SMB5925B Datasheet
49Kb / 2P
   RECTIFIER SPECIALISTS
logo
SeCoS Halbleitertechnol...
SMB5925B SECOS-SMB5925B Datasheet
238Kb / 3P
   1.5 Watts Surface Mount Zener Diode
More results

유사한 설명 - SMB5925B

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com