전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAR3010K1Y0-1A 데이터시트(PDF) 1 Page - Lineage Power Corporation

부품명 CAR3010K1Y0-1A
상세설명  3000 Watt 24 / 48V Front End
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR3010K1Y0-1A 데이터시트(HTML) 1 Page - Lineage Power Corporation

  CAR3010K1Y0-1A Datasheet HTML 1Page - Lineage Power Corporation CAR3010K1Y0-1A Datasheet HTML 2Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
www.lineagepower.com/oem
Lineage Power
Lineage Power
Lineage Power (China)
3000 Skyline Dr.
2841 Dow Avenue
1353 Chenqiao Road, Shanghai Sengpu Industrial Park
Mesquite, TX 75149
Tustin, CA 92780 USA
Shanghai, 201401 China
Phone: (972) 284-2000
Phone: (714) 544-6665
Phone: 021 6710 8910
CAR3000 Series
3000 Watt 24 / 48V Front End
rev 100506
Hot-swap N+1 Redundancy
Single phase or Three phase Input
Power Factor Correction
Over Voltage, Over Current and Thermal Protection
Visual LED Indicators
19” 3U High / 3-Bay Power Shelf
International Safety Approvals
KEY MARKET SEGMENTS & APPLICATIONS
Distributed Power
Blade Servers
Mid-end servers
Network Equipment
Network Storage
Test Equipment
Storage Area Networks
FEATURES
BENEFITS
No minimum load requirements
Eliminates the need for preload on system backplace
Modular design
Easy insertion and extraction during hot swap
Single phase or three phase inputs
One stop shopping, breadth of line
Constant current characteristics
Ideal for Network Bus Applications
SPECIFICATIONS
CAR3010K1
CAR3010L1
CAR3030K1
CAR3030L1
Input Voltage Range
Single Phase Input / 180-264 VAC / 47-63 Hz
Three Phase Input / 180-264 VAC / 47-63 Hz
Input Current
19Amax
11A per phase max.
Inrush Current
50Amax
50A max (per phase)
Input Fuse
Single Fuse 25A 3AG
Single Fuse per Phase 15A 3AG
Power Factor
0.99
0.95
Efficiency
90% Typical @ 230 VAC
90% Typical @ 230 VAC
Output Voltage & Current
+24 VDC @ 125A
+48 VDC @ 62.5A
+24 VDC @ 125A
+48 VDC @ 62.5A
Adjust Range (Trim Pot)
21.6~26.4
43.2~52.8
21.6~26.4
43.2~52.8
Over Voltage Protection
29.5~30.5 VDC
58.5~59.5 VDC
29.5~30.5 VDC
58.5~59.5 VDC
OVP Protection Type
Recycle AC Input to Reset
Standby Voltage
5VSB @ 500mA
Line Regulation
0.5% using remote sense (5% on Stand-by Voltage)
Load Regulation
0.5% using remote sense (5% on Stand-by Voltage)
Output Ripple & Noise
<1% (pk-pk)
Transient Response
3% max deviation 0.50ms recovery time for a 25% load change
Start-up Time
2 seconds
Hold-up Time
>20ms at low line
Overshoot / Undershoot
1% at turn ON/OFF
Temperature Coefficient
0.02% per °C
Remote ON/OFF
Logic 1 (TTL High) or open enables unit (ON), Logic 0 (TTL Low) or short shuts unit down (OFF)
Power Fail Signal
Signal goes low (TTL Low) 2ms before loss output regulation
Over Current Protection
110-140% V1, 5VSB < 2.5A. Automatic recovery.
Over Temperature Protection
Automatic shutdown with auto recovery. Thermal shutdown point @ 95°C
MTBF
300,000 hrs per Bellcore standard
Output Power Good
TTL High = Power Good, TTL Low = Output out of limits
LED Indicators
DC Good: Green LED; Temperature OK: Green LED and AC Good: Amber LED
Operating Temperature
0°C to 50°C at rated output power. Supply derates linearly from 50°C to 65°C at 2.2% per °C
Cooling
Self contained ball bearing fan
EMI/EMC
Meets EN61000-3-2, -3 CISPR22 and FCC Part 15 Class A, Bellcore GR-1089-CORE
Dimensions
12.12 x 5.00 x 5.00” / 333.2 x 127 x 127mm (handle extends additional 1.00” / 25.4mm from faceplate)
Weight
11.5 pounds / 5.23 kg
Safety Approvals
UL1950, CSA 22.2 No. 650, TUV EN0950 & CE Mark


유사한 부품 번호 - CAR3010K1Y0-1A

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
CAR3010K1Y0-1A LINEAGEPOWER-CAR3010K1Y0-1A Datasheet
1Mb / 2P
   3000 Watt 24 / 48V Rectifier Power Supply
More results

유사한 설명 - CAR3010K1Y0-1A

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
CAR4000 LINEAGEPOWER-CAR4000 Datasheet
966Kb / 2P
   4000 Watt 24 / 48V Front End
CAR3000T LINEAGEPOWER-CAR3000T Datasheet
1Mb / 2P
   3000 Watt 24 / 48V Rectifier Power Supply
CAR2548DC LINEAGEPOWER-CAR2548DC Datasheet
917Kb / 2P
   2500 Watt / DC Input / 48V Front End
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR2548FP LINEAGEPOWER-CAR2548FP Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
logo
Artesyn Technologies
LCM600Q-A ARTESYN-LCM600Q-A Datasheet
1Mb / 7P
   600 Watt Bulk Front End
LCM300L ARTESYN-LCM300L Datasheet
677Kb / 5P
   310 Watt Bulk Front End
LCM1500Q-T-4 ARTESYN-LCM1500Q-T-4 Datasheet
969Kb / 7P
   1500 Watt Bulk Front End
LCM1000L ARTESYN-LCM1000L Datasheet
977Kb / 6P
   1000 Watt Bulk Front End
LCM600L ARTESYN-LCM600L Datasheet
1Mb / 7P
   600 Watt Bulk Front End
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com