전자부품 데이터시트 검색엔진 |
|
CAR3010K1THY0-1A 데이터시트(PDF) 1 Page - Lineage Power Corporation |
|
CAR3010K1THY0-1A 데이터시트(HTML) 1 Page - Lineage Power Corporation |
1 / 2 page Features: www.lineagepower.com/oem Lineage Power Lineage Power Lineage Power (China) 3000 Skyline Dr. 2841 Dow Avenue 1353 Chenqiao Road, Shanghai Sengpu Industrial Park Mesquite, TX 75149 Tustin, CA 92780 USA Shanghai, 201401 China Phone: (972) 284-2000 Phone: (714) 544-6665 Phone: 021 6710 8910 CAR3000T Series 3000 Watt 24 / 48V Rectifier Power Supply rev 100506 ∎ Hot-swap N+1 Redundancy ∎ Single phase or Three phase Input ∎ Power Factor Correction ∎ Over Voltage, Over Current and Thermal Protection ∎ Visual LED Indicators ∎ 19” 3U High / 3-Bay Power Shelf ∎ International Safety Approvals KEY MARKET SEGMENTS & APPLICATIONS ∎ Distributed Power ∎ Blade Servers ∎ Mid-end servers ∎ Network Equipment ∎ Network Storage ∎ Test Equipment ∎ Storage Area Networks FEATURES BENEFITS No minimum load requirements Eliminates the need for preload on system backplace Modular design Easy insertion and extraction during hot swap Single phase or three phase inputs One stop shopping, breadth of line Constant current characteristics Ideal for Network Bus Applications SPECIFICATIONS CAR3010K1T CAR3010L1TN CAR3030K1T CAR3030L1TN Input Voltage Range Single Phase Input / 180-264 VAC / 47-63 Hz Three Phase Input / 180-264 VAC / 47-63 Hz Input Current 19Amax 11A per phase max. Inrush Current 50Amax 50A max (per phase) Input Fuse Single Fuse 25A 3AG Single Fuse per Phase 15A 3AG Power Factor 0.99 0.95 Efficiency 90% Typical @ 230 VAC 90% Typical @ 230 VAC Output Voltage & Current +27 VDC @ 111A -54 VDC @ 55.5A +27 VDC @ 111A -54 VDC @ 55.5A Adjust Range (Trim Pot) +20~29 V -40 ~ -58V +20~29 V -40 ~ -58V Over Voltage Protection +29.5~30.5 VDC -58.5~59.5 VDC +29.5~30.5 VDC -58.5~59.5 VDC OVP Protection Type Recycle AC Input to Reset Standby Voltage 5VSB @ 500mA Line Regulation 0.5% using remote sense (5% on Stand-by Voltage) Load Regulation 0.5% using remote sense (5% on Stand-by Voltage) Output Ripple & Noise <1% (pk-pk) Transient Response 3% max deviation 0.50ms recovery time for a 25% load change Start-up Time 2 seconds Hold-up Time >20ms at low line Overshoot / Undershoot 1% at turn ON/OFF Temperature Coefficient 0.02% per °C Remote ON/OFF Logic 1 (TTL High) or open enables unit (ON), Logic 0 (TTL Low) or short shuts unit down (OFF) Power Fail Signal Signal goes low (TTL Low) 2ms before loss output regulation Over Current Protection 110-140% V1, 5VSB < 2.5A. Automatic recovery. Over Temperature Protection Automatic shutdown with auto recovery. Thermal shutdown point @ 95°C MTBF 300,000 hrs per Bellcore standard Output Power Good TTL High = Power Good, TTL Low = Output out of limits LED Indicators DC Good: Green LED; Temperature OK: Green LED and AC Good: Amber LED Operating Temperature 0°C to 50°C at rated output power. Supply derates linearly from 50°C to 65°C at 2.2% per °C Cooling Self contained ball bearing fan EMI/EMC Meets EN61000-3-2, -3 CISPR22 and FCC Part 15 Class A, Bellcore GR-1089-CORE Dimensions 12.12 x 5.00 x 5.00” / 333.2 x 127 x 127mm (handle extends additional 1.00” / 25.4mm from faceplate) Weight 11.5 pounds / 5.23 kg Safety Approvals UL1950, CSA 22.2 No. 650, TUV EN0950 & CE Mark |
유사한 부품 번호 - CAR3010K1THY0-1A |
|
유사한 설명 - CAR3010K1THY0-1A |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |