전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29030AIROZ-EVALZ 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL29030AIROZ-EVALZ
상세설명  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29030AIROZ-EVALZ 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL29030AIROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 12Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ISL29030A
9
FN7722.0
November 18, 2010
The proximity sensor is an 8-bit ADC which operates in a
similar fashion. When proximity sensing is enabled, the
IRDR pin will drive a user-supplied infrared LED, the
emitted IR reflects off an object (i.e., a human head) back
into the ISL29030A, and a sensor converts the reflected
IR wave to a current signal in 0.54ms. The ADC subtracts
the IR reading before and after the LED is driven (to
remove ambient IR such as sunlight), and converts this
value to a digital count stored in Register 0x8.
The ISL29030A is designed to run two conversions
concurrently: a proximity conversion and an ALS (or IR)
conversion. Please note that because of the conversion
times, the user must let the ADCs perform one full
conversion first before reading from I2C Registers
PROX_DATA (wait 0.54ms) or ALSIR_DT1/2 (wait 100ms).
The timing between ALS and Prox conversions is arbitrary
(as shown in Figure 3). The ALS runs continuously with
new data available every 100ms. The proximity sensor
runs continuously with a time between conversions
decided by PROX_SLP (Register 1 Bits [6:4]).
Ambient Light and IR Sensing
The ISL29030A is set for ambient light sensing when
Register bit ALSIR_MODE = 0 and ALR_EN = 1. The
light-wavelength response of the ALS appears as shown
in Figure 6. ALS measuring mode (as opposed to IR
measuring mode) is set by default.
When the part is programmed for infrared (IR) sensing
(ALSIR_MODE = 1; ALS_EN = 1), infrared light is
converted into a current and digitized by the same ALS
ADC. The result of an IR conversion is strongly related to
the amount of IR energy incident on our sensor, but is
unitless and is referred to in digital counts.
Proximity Sensing
When proximity sensing is enabled (PROX_EN = 1), the
external IR LED is driven for 0.1ms by the built-in IR LED
driver through the IRDR pin. The amplitude of the IR LED
current depends on Register 1 bit 3: PROX_DR. If this bit
is low, the load will see a fixed 110mA current pulse. If
this bit is high, the load on IRDR will see a fixed 220mA
current pulse as seen in Figure 4.
When the IR from the LED reaches an object and gets
reflected back into the ISL29030A, the reflected IR light
is converted into current as per the IR spectral response
shown in Figure 7. One entire proximity measurement
takes 0.54ms for one conversion (which includes 0.1ms
spent driving the LED), and the period between proximity
measurements is decided by PROX_SLP (sleep time) in
Register 1 Bits 6:4.
Average LED driving current consumption is given by
Equation 1.
A typical IRDR scheme is 220mA amplitude pulses every
800ms, which yields 28μA DC.
Total Current Consumption
Total current consumption is the sum of IDD and IIRDR.
The IRDR pin sinks current (as shown in Figure 4) and
the average IRDR current can be calculated using
Equation 1. IDD depends on voltage and the mode-of-
operation as seen in Figure 11.
ALS
ACTIVE
100ms
100ms
100ms
PROX
SENSOR
ACTIVE
IRDR
(CURRENT
DRIVER)
ALS CONVERSION
TIME = 100ms
(FIXED)
0.54ms FOR
PROX
CONVERSION
SERIES OF
CURRENT PULSES
TOTALING 0.1ms
SLEEP TIME
(PROX_SLP)
100ms
100ms
SEVERAL µs BETWEEN
CONVERSIONS
TIME
TIME
TIME
FIGURE 3. TIMING DIAGRAM FOR PROX/ALS EVENTS - NOT TO SCALE
FIGURE 4. CURRENT DRIVE MODE OPTIONS
PIN 8 - IRDR
220mA
(PROX_DR = 1)
(IRDR IS HI-Z WHEN
NOT DRIVING)
110mA
(PROX_DR = 0)
IlRDR AVE
;
IlRDR PEAK
;
100
μs
×
TSLEEP
--------------------------------------------------------
=
(EQ. 1)


유사한 부품 번호 - ISL29030AIROZ-EVALZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29030AIROZ-EVALZ INTERSIL-ISL29030AIROZ-EVALZ Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29030AIROZ-EVALZ INTERSIL-ISL29030AIROZ-EVALZ Datasheet
502Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
November 12, 2012
logo
Renesas Technology Corp
ISL29030AIROZ-EVALZ RENESAS-ISL29030AIROZ-EVALZ Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
More results

유사한 설명 - ISL29030AIROZ-EVALZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
761Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028 INTERSIL-ISL29028 Datasheet
466Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028A INTERSIL-ISL29028A Datasheet
753Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com