전자부품 데이터시트 검색엔진 |
|
LC74775M 데이터시트(PDF) 9 Page - Sanyo Semicon Device |
|
LC74775M 데이터시트(HTML) 9 Page - Sanyo Semicon Device |
9 / 35 page Display Control Commands Display control commands have an 8-bit format and are transferred using the serial input function. Commands consist of a command identification code in the first byte and command data in the following bytes. The following commands are supported. COMMAND0: Display memory (VRAM) write address setup command COMMAND1: Display character data write command COMMAND2: Vertical display start position and vertical character size setup command COMMAND3: Horizontal display start position and horizontal character size setup command COMMAND4: Display control setup command COMMAND5: Display control setup command COMMAND6: Synchronizing signal detection setup command COMMAND7 to COMMAND12 and COMMAND18: Display control setup commands COMMAND13 to COMMAND17: VPS/PDC control commands. These commands can only be written with the I2C bus (the SCL and SDA pins). Display Control Command Table No. 5919-9/35 LC74775, 74775M First byte Second byte Command Command identification code Data Data 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 COMMAND0 1 0 0 0 V3 V2 V1 V0 0 0 0 H4 H3 H2 H1 H0 (Write address setup) COMMAND1 1 0 0 1 0 0 0 0 at c6 c5 c4 c3 c2 c1 c0 (Character write) COMMAND2 (Vertical character size and 1 0 1 0 VS VS VS VS 0 FS VP VP VP VP VP VP vertical display start position) 21 20 11 10 5 4 3 2 1 0 COMMAND3 (Horizontal character size and 1 0 1 1 HS HS HS HS 0 LC HP HP HP HP HP HP horizontal display start position) 21 20 11 10 5 4 3 2 1 0 COMMAND4 1 1 0 0 TST RAM OSC SYS 0 BLK BLK BLK BK BK RV DSP (Display control) MOD ERS STP RST 2 1 0 1 0 ON COMMAND5 1 1 0 1 NP NP NON INT 0 RSH HLF BCL CB PH PH PH (Display control) 1 0 LV2 INT 2 1 0 COMMAND6 1 1 1 0 SEL MOD DIS MUT 0 RN RN RN SN SN SN SN (Synchronizing signal detection) 0 0 LIN 2 1 0 3 2 1 0 COMMAND7 1 1 1 1 0 0 0 0 0 CIN CIN VNP VSP MSK MSK EGL (Display control) SEL CTL SEL SEL ERS SEL COMMAND8 1 1 1 1 0 0 0 1 0 LNA LNA LNA LNA LPA LPA LPA (Display control) 3 2 1 0 2 1 0 COMMAND9 1 1 1 1 0 0 1 0 0 LNB LNB LNB LNB LPB LPB LPB (Display control) 3 2 1 0 2 1 0 COMMAND10 1 1 1 1 0 0 1 1 0 LNC LNC LNC LNC LPC LPC LPC (Display control) 3 2 1 0 2 1 0 COMMAND11 1 1 1 1 0 1 0 0 0 0 VSP VSP LNC MOD LNB MOD (Display control) DCK SLC SEL 3 SEL 2 COMMAND12 1 1 1 1 0 1 0 1 0 0 OTD OTD HLF SEL OTH IND (Display control) S1 S0 INT 2 COMMAND18 1 1 1 1 1 0 1 1 0 0 RNE SJN SJN SJN SJC SJC (Display control) 0 3 2 1 1 0 COMMAND13 1 1 1 1 0 1 0 1 0 CPA CPA CPA VPM VPM VPM VPM (VPS/PDC control) 2 1 0 3 2 1 0 COMMAND14 1 1 1 1 0 1 1 0 0 VMW VMW HBS HBS BMS EMS DCE (VPS/PDC control) SE2 SEL 2 1 COMMAND15 1 1 1 1 0 1 1 1 0 0 ECV ECV ECV ECV ECV ECV (VPS/PDC control) 15 14 13 12 11 5 COMMAND16 1 1 1 1 1 0 0 0 0 ECP ECP ECP ECP ECP ECP ECP (VPS/PDC control) 19 18 17 16 15 14 13 COMMAND17 1 1 1 1 1 0 0 1 0 0 ECP ECP ECP ECP ECP ECP (VPS/PDC control) 25 24 23 22 21 20 Once written, a first byte command identification code is stored until the next first byte is written. However, when the display character data write command (COMMAND1) is written, the LC74775/M locks into the display character data write mode, and another first byte cannot be written. When the CS pin is set high, the LC74775/M is set to the COMMAND0 (display memory write address setup mode) state. |
유사한 부품 번호 - LC74775M |
|
유사한 설명 - LC74775M |