전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC74788JM 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LC74788JM
상세설명  On-Screen Display Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74788JM 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LC74788JM Datasheet HTML 1Page - Sanyo Semicon Device LC74788JM Datasheet HTML 2Page - Sanyo Semicon Device LC74788JM Datasheet HTML 3Page - Sanyo Semicon Device LC74788JM Datasheet HTML 4Page - Sanyo Semicon Device LC74788JM Datasheet HTML 5Page - Sanyo Semicon Device LC74788JM Datasheet HTML 6Page - Sanyo Semicon Device LC74788JM Datasheet HTML 7Page - Sanyo Semicon Device LC74788JM Datasheet HTML 8Page - Sanyo Semicon Device LC74788JM Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
No. 5731-5/23
LC74788, 74788M, 74788JM
Parameter
Symbol
Pin
Conditions
Ratings
Unit
min
typ
max
Input off leakage current
Ileak1
CVIN and CVCR
1
µA
Output off leakage current
Ileak2
CVOUT
1
µA
Output high-level voltage
VOH1
HFTONOUT, SYNCJDG, and SEPOUT
VDD1 = 4.5 V,
3.5
V
IOH = –1.0 mA
Output low-level voltage
VOL1
HFTONOUT, SYNCJDG, and SEPOUT
VDD1 = 4.5 V,
1.0
V
IOL = –1.0 mA
H
3.3
5.0
V
Three-value output voltage
VO
CHABLK
VDD1 = 5.0 V M
1.8
2.3
V
L
0
0.8
V
Input current
IIH
RST, CS, SIN, SCLK, CTRL1,
VIN = VDD1
1
µA
SEPIN, and MUTE
IIL
CTRL1 and OSCIN
VIN = VSS1
–1
µA
All outputs: open
Operating mode current drain
IDD1
VDD1
Xtal:7.159 MHz
15
mA
LC:8 MHz
IDD2
VDD2
VDD2 = 5 V
20
mA
(1)
0.70
0.82
0.94
SYNC level
VSN
(2)
0.89
1.01
1.13
V
(3)
1.18
1.30
1.42
(1)
1.32
1.44
1.56
Pedestal level
VPD
(2)
1.52
1.64
1.76
V
(3)
1.81
1.93
2.05
(1)
0.98
1.10
1.22
Color burst low level
VCBL
(2)
1.17
1.29
1.41
V
(3)
1.46
1.58
1.70
(1)
1.63
1.75
1.87
Color burst high level
VCBH
(2)
1.83
1.95
2.07
V
(3)
2.11
2.23
2.35
(1)
1.17
1.29
1.41
Background color low level (other than blue)
VRSL0
(2)
1.36
1.48
1.60
V
(3)
1.65
1.77
1.89
(1)
2.33
2.45
2.57
Background color high level (other than blue)
VRSH0
CVOUT
(2)
2.52
2.64
2.76
V
(1): When the sync level = 0.8 V
VDD1 = 5.0 V (3)
2.81
2.93
3.05
(2): When the sync level = 1.0 V
VDD2 = 5.0 V (1)
1.08
1.20
1.32
Blue background 1 low level
VRSL1
(3): When the sync level = 1.3 V
(2)
1.27
1.39
1.51
V
(3)
1.56
1.68
1.80
(1)
1.49
1.61
1.83
Blue background 2 low level
VRSL2
(2)
1.68
1.80
1.92
V
(3)
1.97
2.09
2.21
(1)
1.97
2.09
2.21
Blue background 1 and 2 high level
VRSH1, 2
(2)
2.17
2.29
2.41
V
(3)
2.46
2.58
2.70
(1)
1.40
1.52
1.64
Frame level 0
VBK0
(2)
1.60
1.72
1.84
V
(3)
1.89
2.01
2.13
(1)
1.97
2.09
2.21
Frame level 1
VBK1
(2)
2.17
2.29
2.41
V
(3)
2.46
2.58
2.70
(1)
2.55
2.67
2.79
Character level
VCHA
(2)
2.75
2.87
2.99
V
(3)
3.04
3.16
3.28
Electrical Characteristics at Ta = –30 to +70°C. VDD1 = 5 V unless otherwise specified.
Note: Blue background 1 or 2 are option settings.


유사한 부품 번호 - LC74788JM

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC74780 SANYO-LC74780 Datasheet
338Kb / 16P
   On-screen Video Display Controllers for VCRs
LC74780M SANYO-LC74780M Datasheet
338Kb / 16P
   On-screen Video Display Controllers for VCRs
LC74781 SANYO-LC74781 Datasheet
340Kb / 16P
   On-screen Video Display Controller for VCR Products?
LC74781M SANYO-LC74781M Datasheet
340Kb / 16P
   On-screen Video Display Controller for VCR Products?
LC74782 SANYO-LC74782 Datasheet
337Kb / 16P
   On-screen Display Controller LSI for VCR Products???
More results

유사한 설명 - LC74788JM

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com