전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD2092 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 2SD2092
상세설명  Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD2092 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  2SD2092_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SD2092_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SD2092_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SD2092_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SD2092_06 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SD2092
2006-11-21
3
Collector current IC (A)
VCE – IC
Collector current IC (A)
VCE – IC
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
VCE – IC
Collector current IC (A)
hFE – IC
Collector current IC (A)
hFE – IC
0
Common emitter
Tc = 100°C
0.2
0.4
0.6
0.8
1.0
1.2
IB = 0.5 mA
10
20
40
30
80
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
14
4
2
Common emitter
Tc = −55°C
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
IB = 0.5 mA
2
4
40
20
80
14
10
30
0.05
Common emitter
Tc = 25°C
50
100
300
500
1000
3000
0.1
0.3
1
3
5
10
1
VCE = 5 V
0.5
2
Common emitter
VCE = 1 V
−55
25
Tc = 100°C
50
100
300
500
1000
3000
0.05
0.1
0.3
1
3
5
10
0.5
Common emitter
Tc = 25°C
0
0
0.2
0.4
0.6
0.8
1.0
1.2
0.4
0.8
1.2
1.6
2.0
2.4
2.8
IB = 0.5 mA
2
4
40
20
80
14
10
30
2.8
0
0
IB = 0.2 mA
Common emitter
Tc = 25°C
4
10
0.8
1.6
2.4
4
8
12
16
18
1.4
20
0
2
6
10
14
0.4
1.2
2.0
2
1
0.5


유사한 부품 번호 - 2SD2092_06

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SD2092 TOSHIBA-2SD2092 Datasheet
228Kb / 4P
   NPN EPITAXIAL TYPE (SWITCHING, LAMP, SOLENOID DRIVE APPLICATIONS)
More results

유사한 설명 - 2SD2092_06

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
   Switching and Applications Switching and Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
STMicroelectronics
STW6N90K5 STMICROELECTRONICS-STW6N90K5 Datasheet
729Kb / 12P
   Switching applications
November 2016 Rev 1
logo
Toshiba Semiconductor
2SD1223 TOSHIBA-2SD1223_10 Datasheet
163Kb / 5P
   Switching Applications
logo
Sanyo Semicon Device
2SC4363 SANYO-2SC4363 Datasheet
88Kb / 2P
   Switching Applications
logo
STMicroelectronics
STH6N95K5-2 STMICROELECTRONICS-STH6N95K5-2 Datasheet
711Kb / 17P
   Switching applications
logo
Sanyo Semicon Device
2SC3900 SANYO-2SC3900 Datasheet
327Kb / 5P
   Switching Applications
logo
Toshiba Semiconductor
SSM4K27CT TOSHIBA-SSM4K27CT Datasheet
203Kb / 5P
   Switching Applications
logo
STMicroelectronics
STL7N6LF3 STMICROELECTRONICS-STL7N6LF3 Datasheet
969Kb / 15P
   Switching applications
February 2017 Rev 4
STB10N95K5 STMICROELECTRONICS-STB10N95K5 Datasheet
1Mb / 22P
   Switching applications
January 2014 Rev 3
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com