전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ508 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 2SJ508
상세설명  Chopper Regulator, DC?묭C Converter and Motor Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ508 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  2SJ508 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ508 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ508 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ508 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ508 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ508 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SJ508
2009-09-29
4
Vth − Ta
0
−80
0
40
80
120
160
−40
−2.5
−0.5
−1.5
−1.0
−2.0
RDS (ON) − Ta
0
2.5
0.5
1.5
1.0
−40
−80
160
0
40
120
80
IDR − VDS
2.0
10
−0.1
−100
100
−1
−10
10000
0.4
0
0.8
1.2
1.6
−0.01
−0.1
−10
−1
1000
3.0
VGS = −4 V
−10V
Common source
Pulse test
ID = −0.5A
Common source
Ta
= 25°C
Pulse test
VGS = 0 V
−1
−10
−5
−3
Common source
VDS = −10 V
ID = −1mA
Pulse test
PD − Ta
2.0
0.5
1.0
1.5
0
0
80
40
160
120
Dynamic input/output characteristics
−160
0
−120
−80
−40
0
4
6
2
−8
−4
−16
0
−12
8
10
Common source
ID = −1A
Ta
= 25°C
Pulse test
VDD = −80V
−40V
−20V
VDS
VGS
200
25.4mm×25.4mm×0.8mm
Mounted on ceramic substrate
Single
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Ciss
Coss
Crss
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Total gate charge Qg (nC)
Capacitance – VDS
Drain-source voltage VDS (V)
Ambient temperature Ta (°C)
Drain-source voltage VDS (V)


유사한 부품 번호 - 2SJ508

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SJ508 TOSHIBA-2SJ508 Datasheet
135Kb / 2P
   P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SJ508 TOSHIBA-2SJ508 Datasheet
224Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ508 TOSHIBA-2SJ508 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SJ508 TOSHIBA-2SJ508_07 Datasheet
224Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results

유사한 설명 - 2SJ508

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3067 TOSHIBA-2SK3067_09 Datasheet
136Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ525 TOSHIBA-2SJ525_09 Datasheet
142Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ537 TOSHIBA-2SJ537_09 Datasheet
234Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3089 TOSHIBA-2SK3089_09 Datasheet
164Kb / 3P
   Chopper Regulator DC?묭C Converter, and Motor Drive
2SJ509 TOSHIBA-2SJ509_09 Datasheet
161Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3312 TOSHIBA-2SK3312_09 Datasheet
323Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3051 TOSHIBA-2SK3051_09 Datasheet
165Kb / 3P
   Chopper Regulator DC?묭C Converter, and Motor Drive
2SK3090 TOSHIBA-2SK3090_09 Datasheet
181Kb / 3P
   Chopper Regulator DC?묭C Converter and Motor Drive
2SK2312F TOSHIBA-2SK2312F Datasheet
397Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
2SK2507F TOSHIBA-2SK2507F Datasheet
425Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com