전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ669 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 2SJ669
상세설명  Relay Drive, DC/DC Converter and Motor Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ669 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  2SJ669 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ669 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ669 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ669 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ669 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ669 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SJ669
2009-09-29
4
RDS (ON) − Ta
Ambient temperature Ta (°C)
0
−0.4
−0.1
−0.3
−0.2
−40
−80
160
0
40
120
80
Common source
Pulse test
ID = −5 A
−2.5
−1.2
IDR − VDS
Drain
−source voltage VDS (V)
0.1
10
0.2
0
1.2
0.6
0.4
0.8
1.0
Common source
Ta
= 25°C
Pulse test
−10
−5
−3
−1
VGS = 0 V
Ambient temperature Ta (°C)
PD − Ta
2.0
0.5
1.0
1.5
0
0
80
200
40
160
Vth − Ta
Ambient temperature Ta (°C)
0
−80
0
40
80
120
160
−40
−2.0
−0.4
−1.2
−0.8
−1.6
Common source
VDS = −10 V
ID = 1 mA
Pulse test
Capacitance – VDS
Drain
−source voltage VDS (V)
10
100
1000
10000
−0.1
−1
−10
−100
Ciss
Coss
Crss
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
1
VGS = −10 V
VGS = −4 V
−5
−2.5
−1.2
120
Total gate charge Qg (nC)
Dynamic input/output
characteristics
−50
−40
0
−30
−20
−10
0
25
30
10
5
−10
−5
−20
−25
0
−15
VGS
VDS
VDD = −48 V
−12V
−24V
Common source
ID = −5 A
Ta
= 25°C
Pulse test
20
15


유사한 부품 번호 - 2SJ669

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SJ669 TOSHIBA-2SJ669 Datasheet
209Kb / 6P
   Silicon P-Channel MOS Type Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ669 TOSHIBA-2SJ669 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

유사한 설명 - 2SJ669

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK4014 TOSHIBA-2SK4014_10 Datasheet
238Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK3438 TOSHIBA-2SK3438_10 Datasheet
203Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK2996 TOSHIBA-2SK2996_V01 Datasheet
434Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2009-09-29
2SJ668 TOSHIBA-2SJ668_09 Datasheet
195Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive
2SK3498 TOSHIBA-2SK3498 Datasheet
115Kb / 3P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3439 TOSHIBA-2SK3439 Datasheet
319Kb / 6P
   DC-DC Converter Relay Drive and Motor Drive Applications
2SK4014 TOSHIBA-2SK4014_09 Datasheet
233Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ380F TOSHIBA-2SJ380F Datasheet
228Kb / 6P
   Relay Drive, DC-DC Converter and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_10 Datasheet
383Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
2SK3437 TOSHIBA-2SK3437_10 Datasheet
215Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com