전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3236 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 2SK3236
상세설명  Switching Regulator Applications, DC-DC Converter and
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3236 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  2SK3236 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3236 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3236 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3236 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3236 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3236 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK3236
2009-09-29
5
rth − tw
Safe operating area
EAS – Tch
Drain-source voltage VDS (V)
Pulse width tw (S)
Channel temperature (initial) Tch (°C)
1
0.1
10
μ
100
μ
10
1 m
10 m
100 m
1
10
Single pulse
0.2
0.1
0.05
0.02
0.01
T
PDM
t
Duty
= t/T
Rth (ch-c) = 4.16°C/W
Duty
= 0.5
0.01
0
25
20
40
60
80
50
75
100
125
150
0.1
0.1
1
10
100
1000
1
10
100
* Single nonrepetitive pulse
Tc
= 25°C
Curves must be derated linearly
with increase in temperature.
DC operation
Tc
= 25°C
100
μs *
1 ms *
ID max (pulse) *
ID max
(continuous)
VDSS max
0 V
15 V
Test circuit
Wave form
IAR
BVDSS
VDD
VDS
RG = 25 Ω
VDD = 50 V, L = 40 μH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS


유사한 부품 번호 - 2SK3236

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3236 TOSHIBA-2SK3236 Datasheet
228Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
2SK3236 TOSHIBA-2SK3236 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
logo
Inchange Semiconductor ...
2SK3236 ISC-2SK3236 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3236 TOSHIBA-2SK3236_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
More results

유사한 설명 - 2SK3236

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3398 TOSHIBA-2SK3398 Datasheet
217Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_10 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3471 TOSHIBA-2SK3471_10 Datasheet
149Kb / 3P
   Switching Regulator and DC-DC Converter Applications
2SK3373 TOSHIBA-2SK3373 Datasheet
222Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444_09 Datasheet
200Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3302 TOSHIBA-2SK3302 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445_09 Datasheet
189Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3538 TOSHIBA-2SK3538 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3440 TOSHIBA-2SK3440_09 Datasheet
188Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com