전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3312 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 2SK3312
상세설명  Chopper Regulator, DC?묭C Converter and Motor Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3312 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  2SK3312 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3312 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3312 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3312 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3312 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3312 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK3312
2009-09-29
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-−MOSV)
2SK3312
Chopper Regulator, DC−DC Converter and Motor Drive
Applications
Low drain−source ON resistance
: RDS (ON) = 0.9 Ω (typ.)
High forward transfer admittance
: |Yfs| = 3.5 S (typ.)
Low leakage current : IDSS = 100 μA (max) (VDS = 600 V)
Enhancement mode
: Vth = 3.0 to 5.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
600
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
600
V
Gate−source voltage
VGSS
±30
V
DC (Note 1)
ID
6
A
Drain current
Pulse (Note 1)
IDP
24
A
Drain power dissipation (Tc = 25°C)
PD
65
W
Single pulse avalanche energy
(Note 2)
EAS
345
mJ
Avalanche current
IAR
6
A
Repetitive avalanche energy (Note 3)
EAR
6.5
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature,
etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage,
etc.) are within the absolute maximum ratings. Please design the
appropriate reliability upon reviewing the Toshiba Semiconductor
Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and
estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
1.92
°C / W
Thermal resistance, channel to ambient
Rth (ch−a)
83.3
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 90 V, Tch = 25°C (initial), L = 16.8 mH, RG = 25 Ω,
IAR = 6 A
Note 3: Repetitive rating: pulse width limited by maximum channel
temperature
This transistor is an electrostatic-sensitive device.
Please handle with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-10S1B
Weight: 1.5 g (typ.)
JEDEC
JEITA
TOSHIBA
2-10S2B
Weight: 1.5 g (typ.)


유사한 부품 번호 - 2SK3312

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3312 TOSHIBA-2SK3312 Datasheet
317Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK3312 TOSHIBA-2SK3312 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3312B ISC-2SK3312B Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3312K ISC-2SK3312K Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK3312

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SJ508 TOSHIBA-2SJ508_09 Datasheet
220Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3067 TOSHIBA-2SK3067_09 Datasheet
136Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ525 TOSHIBA-2SJ525_09 Datasheet
142Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ537 TOSHIBA-2SJ537_09 Datasheet
234Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3089 TOSHIBA-2SK3089_09 Datasheet
164Kb / 3P
   Chopper Regulator DC?묭C Converter, and Motor Drive
2SJ509 TOSHIBA-2SJ509_09 Datasheet
161Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3051 TOSHIBA-2SK3051_09 Datasheet
165Kb / 3P
   Chopper Regulator DC?묭C Converter, and Motor Drive
2SK3090 TOSHIBA-2SK3090_09 Datasheet
181Kb / 3P
   Chopper Regulator DC?묭C Converter and Motor Drive
2SK2312F TOSHIBA-2SK2312F Datasheet
397Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
2SK2507F TOSHIBA-2SK2507F Datasheet
425Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com