전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3441 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 2SK3441
상세설명  DC-DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3441 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  2SK3441_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3441_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3441_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3441_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3441_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3441_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3441
2009-09-29
3
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
⎪Yfs⎪ – ID
Drain current ID (A)
RDS (ON) – ID
100
80
60
40
20
0
0
0.2
0.4
0.6
0.8
1.0
VGS = 3 V
3.6
3.8
6
8
10
Common source
Tc
= 25°C
Pulse test
4
3.4
3.2
0
20
40
80
120
0
Tc
= −55°C
1
2
3
4
6
Common source
VDS = 10 V
Pulse test
100
25
60
100
5
0
0.1
0.2
0.4
0.6
0
ID = 70 A
2
4
6
8
12
Common source
Tc
= 25°C
Pulse test
15
35
0.3
0.5
10
200
160
120
80
40
0
0
2
4
6
8
10
VGS = 3 V
4.5
10
3.8
5
4
3.6
3.4
3.2
Common source
Tc
= 25°C
Pulse test
Common source
Tc
= 25°C
Pulse test
1
10
5
30
3
50
1
10
100
3
5
30
50
10
VGS = 4 V
Common source
VDS = 10 V
Pulse test
25
100
Tc
= −55°C
5
50
30
100
10
300
1
10
100
3
5
30
50


유사한 부품 번호 - 2SK3441_09

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3441 TOSHIBA-2SK3441_06 Datasheet
189Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter Applications
More results

유사한 설명 - 2SK3441_09

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com