전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS7-1Y 데이터시트(PDF) 2 Page - Tyco Electronics

부품명 TS7-1Y
상세설명  DC SOLID STATE RELAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

TS7-1Y 데이터시트(HTML) 2 Page - Tyco Electronics

  TS7-1Y Datasheet HTML 1Page - Tyco Electronics TS7-1Y Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
47
Tyco Electronics Corporation www.tycoelectronics.com 800-522-6752 (U.S.A.) or 717-564-0100 Specifications subject to change. CII and TYCO are trademarks. ©2003 by Tyco Electronics Corporation
DC SOLID STATE RELAYS
EW
.335 DIA MAX (8.51)
-60 -40 -20
20 40 60 80 100 120 140
10
20
30
40
50
60
70
80
400
90
300
200
100
-60 -40 -20
20 40 60 80 100 120 140
10
20
30
40
50
60
70
80
400
90
300
200
100
-60 -40 -20
20 40 60 80 100 120 140
1
2
3
4
5
6
7
8
9
10
20
30
40
50
60
70
80
100
90
.370 DIA MAX (9.40)
.275 MAX
(12.70)
.50 MIN
(12.70)
.017 DIA (0.43)
.100
(2.54)
.200
(5.08)
.031
.032
(REF)
(0.81)
45
°
0
6 Vdc INPUT
5 Vdc INPUT
RATED CURRENT
4 Vdc INPUT
7 Vdc INPUT
6 Vdc INPUT
5 Vdc INPUT
RATED CURRENT
7 Vdc INPUT
0
6 Vdc INPUT
5 Vdc INPUT
RATED CURRENT
4 Vdc INPUT
7 Vdc INPUT
0
4 Vdc INPUT
AMBIENT TEMPERATURE (
°C)
AMBIENT TEMPERATURE (
°C)
AMBIENT TEMPERATURE (
°C)
TS5/TS6/TS7
OUTPUT CURRENT VS. INPUT CONTROL VOLTAGE AND AMBIENT TEMPERATURE
TS5-1Y
TS6-1Y
TS7-1Y
NOTES: 1) Reversing polarity of input (or output except for TS5-1) may cause per-
manent damage. 2) Input must be a step function. Rise or fall time, as applicable,
not to exceed 100 µsec. 3) Inductive loads must be diode suppressed. 4) For any
control voltage, the maximum load current shown on graphs must not be exceeded.
Attempting to draw currents in excess of those specified on graphs can cause per-
manent damage.


유사한 부품 번호 - TS7-1Y

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS7001 TOUCHSTONE-TS7001 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TS7001 SILABS-TS7001 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
TS7001IM8 SILABS-TS7001IM8 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Touchstone Semiconducto...
TS7001IM8T TOUCHSTONE-TS7001IM8T Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TS7001IM8T SILABS-TS7001IM8T Datasheet
1Mb / 21P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
More results

유사한 설명 - TS7-1Y

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com