전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

V23101-D0005-A201 데이터시트(PDF) 10 Page - Tyco Electronics

부품명 V23101-D0005-A201
상세설명  1 pole PCB relay, non-polarized
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

V23101-D0005-A201 데이터시트(HTML) 10 Page - Tyco Electronics

Back Button V23101-D0005-A201 Datasheet HTML 5Page - Tyco Electronics V23101-D0005-A201 Datasheet HTML 6Page - Tyco Electronics V23101-D0005-A201 Datasheet HTML 7Page - Tyco Electronics V23101-D0005-A201 Datasheet HTML 8Page - Tyco Electronics V23101-D0005-A201 Datasheet HTML 9Page - Tyco Electronics V23101-D0005-A201 Datasheet HTML 10Page - Tyco Electronics V23101-D0005-A201 Datasheet HTML 11Page - Tyco Electronics V23101-D0005-A201 Datasheet HTML 12Page - Tyco Electronics V23101-D0005-A201 Datasheet HTML 13Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
108-98010 Rev. D
All specifications subject to change. Consult Tyco Electronics for latest specifications.
10 of 13
Telecom-, Signal and RF Relays
W11 Relay V23101
AXICOM
Contact Data
Number of contacts and type
1 changeover contacts
Contact assembly
single contacts
Contact material
AgPd, gold plated
AgNi, gold plated
AgNi
Limiting continuous current at max. ambient temperature
1.25 A
3 A
Maximum switching current (see load limit diagram)
1.25 A
3 A
Maximum swichting voltage
120 Vdc
125 Vac
120 Vdc
125 Vac
Maximum switching capacity
30 W / 62.5 VA
72 W / 360 VA
Thermoelectric potential
< 10 µV
< 10 µV
Initial contact resistance / measuring condition: 10 mA / 20 mV
100 mΩ
100 mΩ
Electrical endurance
standard:
at 24 Vdc / 1.25 A
at 24 Vdc / 3 A
at 120 Vac / 1.25 A
at 120 Vac / 3 A
min. 3 x 105 operations
min. 1.5 x 105 operations
min. 2 x 105 operations
min. 4 x 105 operations
sensitive:
at 24 Vdc / 1.25 A
at 24 Vdc / 3 A
at 120 Vac / 1.25 A
at 120 Vac / 3 A
min. 2 x 105 operations
min. 1 x 105 operations
min. 1 x 105 operations
min. 3 x 105 operations
Mechanical endurance, typ
107 operations
Max. DC Load Breaking Capacity
DC current [A]


유사한 부품 번호 - V23101-D0005-A201

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
V23101 TEC-V23101 Datasheet
1Mb / 4P
   Small size permitting high packing density
More results

유사한 설명 - V23101-D0005-A201

제조업체부품명데이터시트상세설명
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
logo
Tyco Electronics
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
   2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
5-1462000-5 MACOM-5-1462000-5 Datasheet
472Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
logo
Fujitsu Component Limit...
JSL FUJITSU-JSL Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL FUJITSU-JSL_11 Datasheet
387Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
ZETTLER Electronics
AZ830-4C-5DEA ZETTLER-AZ830-4C-5DEA Datasheet
156Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ8304P AZETTLER-AZ8304P Datasheet
69Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
ZETTLER Electronics
AZ830-4C ZETTLER-AZ830-4C Datasheet
99Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com