전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3867S 데이터시트(PDF) 3 Page - Microsemi Corporation

부품명 2N3867S
상세설명  PNP SILICON LOW POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3867S 데이터시트(HTML) 3 Page - Microsemi Corporation

  2N3867S Datasheet HTML 1Page - Microsemi Corporation 2N3867S Datasheet HTML 2Page - Microsemi Corporation 2N3867S Datasheet HTML 3Page - Microsemi Corporation 2N3867S Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
T4-LDS-0170 Rev. 1 (101121)
Page 3 of 4
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Delay Time
Rise Time
VCC = -30dc, VEB = 0
IC = 1.5Adc, IB1 = 150mAdc
td
tr
35
65
nS
Storage Time
Fall Time
VCC = -30dc, VEB = 0
IC = 1.5Adc, IB1 = IB2 = 150mAdc
ts
tf
500
100
nS
Turn-On Time
VCC = 30, IC = 1.5Adc, IB = 150mA
ton
100
nS
Turn-Off Time
VCC = 30, IC = 1.5Adc, IB = 150mA
toff
600
nS
SAFE OPERATING AREA
DC Test
TC = 25°C, 1 cycle, t = 1.0s
Test 1
VCE = 3.33Vdc, IC = 3.0Adc
Test 2
VCE = 40Vdc, IC = 160mAdc
VCE = 60Vdc, IC = 80mAdc
2N3867,
2N3868, S


유사한 부품 번호 - 2N3867S

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
2N3867S MICROSEMI-2N3867S Datasheet
56Kb / 2P
   Silicon PNP Power Transistors
logo
Seme LAB
2N3867SMD05 SEME-LAB-2N3867SMD05 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
logo
TT Electronics.
2N3867SMD05 TTELEC-2N3867SMD05 Datasheet
343Kb / 3P
   PNP SWITCHING SILICON TRANSISTOR
More results

유사한 설명 - 2N3867S

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
2N1132 MICROSEMI-2N1132 Datasheet
56Kb / 3P
   LOW POWER PNP SILICON TRANSISTOR
JANS2N3867 MICROSEMI-JANS2N3867 Datasheet
121Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
2N2604 MICROSEMI-2N2604_1 Datasheet
157Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
2N3250A MICROSEMI-2N3250A_1 Datasheet
135Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
2N5415 MICROSEMI-2N5415 Datasheet
67Kb / 2P
   PNP LOW POWER SILICON TRANSISTOR
2N2604 MICROSEMI-2N2604 Datasheet
66Kb / 2P
   PNP SILICON LOW POWER TRANSISTOR
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
   PNP POWER SILICON TRANSISTOR
logo
Continental Device Indi...
CSB834 CDIL-CSB834 Datasheet
211Kb / 3P
   PNP SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SB823 ISC-2SB823 Datasheet
257Kb / 2P
   Silicon PNP Power Transistor
2SA1822 ISC-2SA1822 Datasheet
267Kb / 2P
   Silicon PNP Power Transistor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com