전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC75864E 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LC75864E
상세설명  1/4 Duty LCD Display Drivers with Key Input Function
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75864E 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LC75864E Datasheet HTML 5Page - Sanyo Semicon Device LC75864E Datasheet HTML 6Page - Sanyo Semicon Device LC75864E Datasheet HTML 7Page - Sanyo Semicon Device LC75864E Datasheet HTML 8Page - Sanyo Semicon Device LC75864E Datasheet HTML 9Page - Sanyo Semicon Device LC75864E Datasheet HTML 10Page - Sanyo Semicon Device LC75864E Datasheet HTML 11Page - Sanyo Semicon Device LC75864E Datasheet HTML 12Page - Sanyo Semicon Device LC75864E Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Control Data Functions
1. S0, S1: Sleep control data
These control data bits switch between normal mode and sleep mode and set the states of the KS1 to KS6 key scan
outputs during key scan standby.
Note: This assumes that the KS1/S23 and KS2/S24 output pins are selected for key scan output.
2. K0, K1: Key scan output/segment output selection data
These control data bits switch the functions of the KS1/S23 and KS2/S24 output pins between key scan output and
segment output.
!: don’t care
3. P0 to P2: Segment output port/general-purpose output port selection data
These control data bits switch the functions of the S1/P1 to S4/P4 output pins between the segment output port and
the general-purpose output port.
The table below lists the correspondence between the display data and the output pins when these pins are selected to
be general-purpose output ports.
For example, if the S4/P4 output pin is selected to be a general-purpose output port, the S4/P4 output pin will output
a high level (VLCD) when the display data D13 is 1, and will output a low level(VSS) when D13 is 0.
4. SC: Segment on/off control data
This control data bit controls the on/off state of the segments.
However, note that when the segments are turned off by setting SC to 1, the segments are turned off by outputting
segment off waveforms from the segment output pins.
No. 6860-9/26
LC75864E, 75864W
Control data
Mode
OSC oscillator
Segment outputs
Output pin states during key scan standby
S0
S1
Common outputs
KS1
KS2
KS3
KS4
KS5
KS6
0
0
Normal
Operating
Operating
H
H
H
H
H
H
0
1
Sleep
Stopped
L
L
L
L
L
L
H
1
0
Sleep
Stopped
L
L
L
L
L
H
H
1
1
Sleep
Stopped
L
H
H
H
H
H
H
Control data
Output pin state
Maximum number of input keys
K0
K1
KS1/S23
KS2/S24
0
0
KS1
KS2
30
0
1
S23
KS2
25
1
!
S23
S24
20
Control data
Output pin state
P0
P1
P2
S1/P1
S2/P2
S3/P3
S4/P4
0
0
0
S1
S2
S3
S4
0
0
1
P1
S2
S3
S4
0
1
0
P1
P2
S3
S4
0
1
1
P1
P2
P3
S4
1
0
0
P1
P2
P3
P4
Output pin
Corresponding display data
S1/P1
D1
S2/P2
D5
S3/P3
D9
S4/P4
D13
SC
Display state
0
On
1
Off
Notes: KSn (n = 1 , 2): Key scan output
Sn (n = 23, 24): Segment output
Notes: Sn (n = 1 to 4):
Segment output port
Pn (n = 1 to 4):
General-purpose output port


유사한 부품 번호 - LC75864E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC75863E SANYO-LC75863E Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
LC75863W SANYO-LC75863W Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
logo
ON Semiconductor
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
More results

유사한 설명 - LC75864E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75884E SANYO-LC75884E Datasheet
611Kb / 27P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75804E SANYO-LC75804E Datasheet
297Kb / 37P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Princeton Technology Co...
PT16557 PTC-PT16557 Datasheet
617Kb / 8P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Sanyo Semicon Device
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75863E SANYO-LC75863E Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
LC75883E SANYO-LC75883E Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75857E SANYO-LC75857E Datasheet
428Kb / 39P
   CMOS IC 1/3, 1/4 Duty LCD Display Drivers with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com