전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC78213 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LC78213
상세설명  Analog Function Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78213 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LC78213 Datasheet HTML 1Page - Sanyo Semicon Device LC78213 Datasheet HTML 2Page - Sanyo Semicon Device LC78213 Datasheet HTML 3Page - Sanyo Semicon Device LC78213 Datasheet HTML 4Page - Sanyo Semicon Device LC78213 Datasheet HTML 5Page - Sanyo Semicon Device LC78213 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Pin Assignments
Allowable Operating Ranges at Ta = 25°C, VSS = 0 V, | VDD | ≥ | VEE |
Note: * CE, CL and DI waveforms
No. 4817-2/6
LC78211, 78212, 78213
Parameter
Symbol
Conditions
min
typ
max
Unit
Maximum supply voltage
VDD
VDD – VEE ≥ 12 V: VDD
6.0
18.5
V
VEE
VDD – VEE ≥ 12 V: VEE
–18.5
0
V
Input high level voltage
VIH1
DI, CL, CE
4.0
18.5
V
VIH2
S, RES
0.7 VDD
VDD
V
Input low level voltage
VIL1
DI, CL, CE
0
0.7
V
VIL2
S, RES
0
0.3 VDD
V
Analog switch input
VIN
L1 to L8, R1 to R8, LCOM1 to LCOM4,
VEE
VDD
V
voltage range
RCOM1 to RCOM4
Low level clock pulse width
tøL
CL
0.5
µs
High level clock pulse width
tøH
CL
0.5
µs
tset up
CL, DI
0.5
µs
Setup time
t1*
CL, CE
0.5
µs
t2*
CL, CE
0.5
µs
t3*
CL, CE
0.5
µs
Minimum reset pulse width
twRES
VDD ≥ 6 V: RES
1.0
µs
Hysteresis
VH
CL, CE, DI
0.3
V
Top view


유사한 부품 번호 - LC78213

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC78213-E ONSEMI-LC78213-E Datasheet
194Kb / 6P
   Analog Function Switch
December, 2013
More results

유사한 설명 - LC78213

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC7824 SANYO-LC7824 Datasheet
94Kb / 5P
   Analog Function Switch
logo
New Japan Radio
NJU7313A NJRC-NJU7313A Datasheet
193Kb / 5P
   ANALOG FUNCTION SWITCH???
logo
Princeton Technology Co...
PT233 PTC-PT233 Datasheet
85Kb / 2P
   Analog Function Switch
logo
Sanyo Semicon Device
LC7821 SANYO-LC7821 Datasheet
134Kb / 6P
   Analog Function Switch
logo
New Japan Radio
NJU7311A NJRC-NJU7311A Datasheet
196Kb / 5P
   ANALOG FUNCTION SWITCH
logo
Toshiba Semiconductor
TC9152P TOSHIBA-TC9152P Datasheet
247Kb / 10P
   ANALOG FUNCTION SWITCH
1994-11-28
logo
New Japan Radio
NJU7312A NJRC-NJU7312A Datasheet
194Kb / 5P
   ANALOG FUNCTION SWITCH?
logo
ON Semiconductor
ENA4817A ONSEMI-ENA4817A Datasheet
194Kb / 6P
   Analog Function Switch
December, 2013
logo
Toshiba Semiconductor
TC9162AN TOSHIBA-TC9162AN Datasheet
401Kb / 12P
   HIGH VOLTAGE ANALOG FUNCTION SWITCH ARRAY
TC9208N TOSHIBA-TC9208N Datasheet
473Kb / 13P
   HIGH TENSION SUSTAINING ANALOG FUNCTION SWITCH
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com