전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC7872E 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LC7872E
상세설명  CD Graphics Decoder
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7872E 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LC7872E Datasheet HTML 5Page - Sanyo Semicon Device LC7872E Datasheet HTML 6Page - Sanyo Semicon Device LC7872E Datasheet HTML 7Page - Sanyo Semicon Device LC7872E Datasheet HTML 8Page - Sanyo Semicon Device LC7872E Datasheet HTML 9Page - Sanyo Semicon Device LC7872E Datasheet HTML 10Page - Sanyo Semicon Device LC7872E Datasheet HTML 11Page - Sanyo Semicon Device LC7872E Datasheet HTML 12Page - Sanyo Semicon Device LC7872E Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Pin Functions
No. 4868-9/17
LC7872E
Pin No.
Symbol
I/O
Function
1
S1
I
S1
S2
CD DSP
CD DSP selection
0
0
LC7861N/67
2
S2
I
1
0
LC7860K/63
1
1
LC7868/69/681
3
SBCK
O
Subcode R to W readout clock
4
SFSY
I
Subcode frame synchronization signal
5
PW
I
Subcode R to W data
6
SBSY
I
Subcode block synchronization signal
7
VDD1
Digital system power supply
8
CE
I
Serial input or control pin during serial output
9
DO
O
Serial data output (N-ch open drain)
10
DI
I
Serial data input
11
CL
I
Serial data I/O clock
12
MUTE
I
Control signal that invalidates the subcode data
13
VSS1
Digital system ground
14
WE
O
DRAM control
15
RAS
O
DRAM control
16
A0
O
DRAM address
17
A1
O
DRAM address
18
A2
O
DRAM address
19
A3
O
DRAM address
20
A4
O
DRAM address
21
A5
O
DRAM address
22
A6
O
DRAM address
23
A7
O
DRAM address
24
DB0
I/O
DRAM data
25
CAS
O
DRAM control
26
DB1
I/O
DRAM data
27
OE
O
DRAM control
28
DB2
I/O
DRAM data
29
DB3
I/O
DRAM data
30
CB
I
High: color bar output
(pull-down resistor built in)
Low: normal mode
31
CDGM
O
Outputs a high level when a CD-G disk detected
32
TRANS0
O
Transparency digital output
33
TRANS1
O
Transparency digital output
34
TRANS2
O
Transparency digital output
35
TRANS3
O
Transparency digital output
36
TRANS4
O
Transparency digital output
37
TRANS5
O
Transparency digital output
38
VSS2
Composite video D/A converter ground
39
VDD2
Composite video D/A converter power supply
40
BIAS
O
Ripple exclusion capacitor connection
41
VIDEO
O
Composite video output (8-bit D/A converter output)
42
TEST
I
Test pin. Must be tied low in normal operation (pull-down resistor built in)
43
LINE
I
When pin NP2 is high: High: 263H, Low: 262H
When pin NP2 is low: High: 312H, Low: 314H
44
FSCIN
I
Subcarrier clock input (feedback resistor built in)
45
VSYNC
O
Vertical synchronization signal output
46
TEST1
I
Test pin. Must be tied low in normal operation (pull-down resistor built in)
47
YS
O
Superimposition control output
48
CSYNC
O
Composite synchronization signal output
49
4FSC2
I
Superimposition mode external clock input (feedback resistor built in)
50
EFLG
O
Error state monitor
Continued on next page.


유사한 부품 번호 - LC7872E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC78711 SANYO-LC78711 Datasheet
781Kb / 43P
   Graphics Display Processor
LC78711E SANYO-LC78711E Datasheet
781Kb / 43P
   Graphics Display Processor
LC7871E SANYO-LC7871E Datasheet
427Kb / 19P
   CD Graphics Decoder
LC7871NE SANYO-LC7871NE Datasheet
427Kb / 19P
   CD Graphics Decoder
LC7874E SANYO-LC7874E Datasheet
241Kb / 22P
   CD Graphics Decorder
More results

유사한 설명 - LC7872E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC7871E SANYO-LC7871E Datasheet
427Kb / 19P
   CD Graphics Decoder
logo
Toshiba Semiconductor
TC9411F TOSHIBA-TC9411F Datasheet
239Kb / 5P
   CD GRAPHICS DECODER
logo
Sanyo Semicon Device
LC7874E SANYO-LC7874E Datasheet
241Kb / 22P
   CD Graphics Decorder
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
   CD-ROM DECODER
CXD1186CQ SONY-CXD1186CQ Datasheet
454Kb / 46P
   CD-ROM Decoder
CXD1804BR SONY-CXD1804BR Datasheet
813Kb / 103P
   CD-ROM Decoder
CXD1818R SONY-CXD1818R Datasheet
895Kb / 112P
   CD-ROM Decoder
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
   CD-ROM DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com