전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC7872E 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LC7872E
상세설명  CD Graphics Decoder
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7872E 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LC7872E Datasheet HTML 1Page - Sanyo Semicon Device LC7872E Datasheet HTML 2Page - Sanyo Semicon Device LC7872E Datasheet HTML 3Page - Sanyo Semicon Device LC7872E Datasheet HTML 4Page - Sanyo Semicon Device LC7872E Datasheet HTML 5Page - Sanyo Semicon Device LC7872E Datasheet HTML 6Page - Sanyo Semicon Device LC7872E Datasheet HTML 7Page - Sanyo Semicon Device LC7872E Datasheet HTML 8Page - Sanyo Semicon Device LC7872E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Allowable Operating Ranges at Ta = 25°C, VSS = 0 V
Electrical Characteristics at Ta = 25°C, VSS = 0 V, VDD = 5 V
No. 4868-3/17
LC7872E
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VSS – 0.3 to +7.0
V
Maximum input voltage
VIN max
VSS – 0.3 to VDD + 0.3
V
Maximum output voltage
VOUT max
VSS – 0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
300
mW
Operating temperature
Topr
–30 to +85
°C
Storage temperature
Tstg
–40 to +125
°C
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD1, VDD2
4.5
5.5
V
VIH (1)
RESET
0.7 VDD
VDD
V
Input high level voltage
VIH (2)
SFSY, PW, SBSY, CE, DI, CL, MUTE, DB0 to DB3,
2.2
VDD
V
PALID, HRESET, VRESET, N/P1, N/P2, SON
VIH (3)
S1, S2, CB, TEST, TEST1, LINE, DEN
0.8 VDD
VDD
V
VIL (1)
RESET
VSS
0.3 VDD
V
Input low level voltage
VIL (2)
SFSY, PW, SBSY, CE, DI, CL, MUTE, DB0 to DB3,
VSS
0.8
V
PALID, HRESET, VRESET, N/P1, N/P2, SON
VIL (3)
S1, S2, CB, TEST, TEST1, LINE, DEN
VSS
0.2 VDD
V
High level clock pulse width
tøH
CL: Figure 1
400
ns
Low level clock pulse width
tøL
CL: Figure 1
400
ns
Data setup time
tDS
CL, DI: Figure 1
200
ns
Data hold time
tDH
CL, DI: Figure 1
200
ns
CE wait time
tCP
CE, CL: Figure 1
400
ns
CE setup time
tCS
CE, CL: Figure 1
400
ns
CE hold time
tCH
CE, CL: Figure 1
400
ns
DO setup time
tDOS
CL, DO: Figure 1
130
300
ns
fin (1)
XIN1
14.31818
MHz
fin (2)
XIN2
17.734476
MHz
Input frequency
fin (3)
4FSC2
NTSC mode
14.31818
MHz
PAL mode
17.734476
MHz
fin (4)
FSCIN
NTSC mode
3.58
MHz
PAL mode
4.43
MHz
Input amplitude
VIN
XIN1, XIN2, 4FSC2, FSCIN:
0.3
5
Vp-p
sine wave, capacitive coupling
Reset pulse width
tWRES
RESET
400
ns
Parameter
Symbol
Conditions
min
typ
max
Unit
Current drain
IDD (1)
VDD1
24
40
mA
IDD (2)
VDD2
12
20
mA
S1, S2, SFSY, PW, SBSY, CE, DI, CL, MUTE, LINE,
Input high level current
IIH (1)
HRESET, VRESET, N/P1, N/P2, RESET, SON:
5
µA
VIN = VDD
IIH (2)
CB, TEST, TEST1, DEN: VIN = VDD
30
100
200
µA
S1, S2, SFSY, PW, SBSY, CE, DI, CL, MUTE, LINE,
Input low level current
VIL (1)
HRESET, VRESET, N/P1, N/P2, RESET, SON:
–5
µA
VIN = VSS
VIL (2)
PALID: VIN = VSS
–200
–100
–30
µA
SBCK, WE, RAS, CAS, OE, A0 to A7, DB0 to DB3,
Output high level voltage
VOH
CDGM, TRANS0 to TRANS5, VSYNC, YS, CSYNC,
VDD – 1
VDD
V
EFLG, FSX, FSC: IO = –0.5 mA
Continued on next page.


유사한 부품 번호 - LC7872E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC78711 SANYO-LC78711 Datasheet
781Kb / 43P
   Graphics Display Processor
LC78711E SANYO-LC78711E Datasheet
781Kb / 43P
   Graphics Display Processor
LC7871E SANYO-LC7871E Datasheet
427Kb / 19P
   CD Graphics Decoder
LC7871NE SANYO-LC7871NE Datasheet
427Kb / 19P
   CD Graphics Decoder
LC7874E SANYO-LC7874E Datasheet
241Kb / 22P
   CD Graphics Decorder
More results

유사한 설명 - LC7872E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC7871E SANYO-LC7871E Datasheet
427Kb / 19P
   CD Graphics Decoder
logo
Toshiba Semiconductor
TC9411F TOSHIBA-TC9411F Datasheet
239Kb / 5P
   CD GRAPHICS DECODER
logo
Sanyo Semicon Device
LC7874E SANYO-LC7874E Datasheet
241Kb / 22P
   CD Graphics Decorder
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
   CD-ROM DECODER
CXD1186CQ SONY-CXD1186CQ Datasheet
454Kb / 46P
   CD-ROM Decoder
CXD1804BR SONY-CXD1804BR Datasheet
813Kb / 103P
   CD-ROM Decoder
CXD1818R SONY-CXD1818R Datasheet
895Kb / 112P
   CD-ROM Decoder
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
   CD-ROM DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com