전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC82220 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LC82220
상세설명  Motion JPEG Decoder LSI
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC82220 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LC82220 Datasheet HTML 1Page - Sanyo Semicon Device LC82220 Datasheet HTML 2Page - Sanyo Semicon Device LC82220 Datasheet HTML 3Page - Sanyo Semicon Device LC82220 Datasheet HTML 4Page - Sanyo Semicon Device LC82220 Datasheet HTML 5Page - Sanyo Semicon Device LC82220 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
No. 5422-5/6
LC82220
Continued from preceding page.
System Configuration Example
1. Separate code bus type
This is a system in which the code and system busses are separated. The coded data input does not load down the
system bus.
Pin No.
Symbol
I/O
Function
112
VSS
Ground
113
VDD
+5 V power supply
114
MD3
I/O
115
MD2
I/O
Frame memory interface data bus
116
MD1
I/O
117
MD0
I/O
118
VSS
Ground
119
MA8
O
120
MA7
O
121
MA6
O
122
MA5
O
123
MA4
O
Frame memory address signals
124
MA3
O
125
MA2
O
126
MA1
O
127
MA0
O
128
VSS
Ground


유사한 부품 번호 - LC82220

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC82221 SANYO-LC82221 Datasheet
56Kb / 7P
   Motion JPEG Decoder
LC82221L SANYO-LC82221L Datasheet
56Kb / 7P
   Motion JPEG Decoder
More results

유사한 설명 - LC82220

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC82221L SANYO-LC82221L Datasheet
56Kb / 7P
   Motion JPEG Decoder
LC82210 SANYO-LC82210 Datasheet
57Kb / 2P
   Motion JPEG Codec
logo
Level One
FCS-0020 LVL1-FCS-0020 Datasheet
171Kb / 3P
   Triple Streaming for MPEG4, Motion-JPEG
logo
Mitsubishi Electric Sem...
M65727FP MITSUBISHI-M65727FP Datasheet
242Kb / 55P
   MPEG2 MOTION ESTIMATION LSI
logo
Sanyo Semicon Device
LC8220 SANYO-LC8220 Datasheet
191Kb / 13P
   JPEG Still Color Image Compression/Decompression LSI
logo
Sony Corporation
CXD5091GG SONY-CXD5091GG Datasheet
351Kb / 31P
   Audio Decoder LSI
logo
List of Unclassifed Man...
KL5A71006 ETC-KL5A71006 Datasheet
400Kb / 2P
   JPEG STILL COLOR IMAGE DATA COMPRESSION/DECOMPRESSION LSI
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
   MPEG Audio Decoder LSI
LC7458B-04 SANYO-LC7458B-04 Datasheet
259Kb / 12P
   Closed-Caption Decoder LSI
LC89610 SANYO-LC89610 Datasheet
151Kb / 7P
   Mini-Disk Decoder LSI
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com