전자부품 데이터시트 검색엔진 |
|
LC863228 데이터시트(PDF) 3 Page - Sanyo Semicon Device |
|
LC863228 데이터시트(HTML) 3 Page - Sanyo Semicon Device |
3 / 20 page LC863232/28/24/20/16A No.6693-3/20 (7) AD converter - 4 channels × 8-bit AD converters (8) Serial interfaces - IIC-bus compliant serial interface (Multi-master type) Consists of a single built-in circuit with two I/O channels. The two data lines and two clock lines can be connected internally. - Synchronous 8-bit serial interface (9) PWM output - 3 channels × 7-bit PWM (10) Timer - Timer 0 : 16-bit timer/counter With 2-bit prescaler + 8-bit programmable prescaler Mode 0 : Two 8-bit timers with a programmable prescaler Mode 1 : 8-bit timer with a programmable prescaler + 8-bit counter Mode 2 : 16-bit timer with a programmable prescaler Mode 3 : 16-bit counter The resolution of timer is 1 tCYC. - Timer 1 : 16-bit timer/PWM Mode 0 : Two 8-bit timers Mode 1 : 8-bit timer + 8-bit PWM Mode 2 : 16-bit timer Mode 3 : Variable bit PWM (9 to 16 bits) In mode0/1,the resolution of Timer1/PWM is 1 tCYC In mode2/3,the resolution is selectable by program; tCYC or 1/2 tCYC - Base timer Generate every 500ms overflow for a clock application (using 32.768kHz crystal oscillation for the base timer clock) Generate every 976 µs, 3.9ms, 15.6ms, 62.5ms overflow (using 32.768kHz crystal oscillation for the base timer clock) Clock for the base timer is selectable from 32.768kHz crystal oscillation, system clock or programmable prescaler output of Timer 0 (11) Remote control receiver circuit (connected to the P73/INT3/T0IN terminal) - Noise rejection function - Polarity switching (12) Watchdog timer External RC circuit is required Interrupt or system reset is activated when the timer overflows (13) ROM correction function Max 128 bytes / 2 addresses (14) Interrupts - 16 sources 10 vectored interrupts 1. External Interrupt INT0 2. External Interrupt INT1 3. External Interrupt INT2, Timer/counter T0L (Lower 8 bits) 4. External Interrupt INT3, base timer 5. Timer/counter T0H (Upper 8 bits) 6. Timer T1H,T1L 7. SIO0 8. Data slicer 9. Vertical synchronous signal interrupt ( VS ), horizontal line ( HS ), AD 10. IIC, Port 0 |
유사한 부품 번호 - LC863228 |
|
유사한 설명 - LC863228 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |