전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC866548 데이터시트(PDF) 10 Page - Sanyo Semicon Device

부품명 LC866548
상세설명  8-Bit Single Chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866548 데이터시트(HTML) 10 Page - Sanyo Semicon Device

Back Button LC866548 Datasheet HTML 6Page - Sanyo Semicon Device LC866548 Datasheet HTML 7Page - Sanyo Semicon Device LC866548 Datasheet HTML 8Page - Sanyo Semicon Device LC866548 Datasheet HTML 9Page - Sanyo Semicon Device LC866548 Datasheet HTML 10Page - Sanyo Semicon Device LC866548 Datasheet HTML 11Page - Sanyo Semicon Device LC866548 Datasheet HTML 12Page - Sanyo Semicon Device LC866548 Datasheet HTML 13Page - Sanyo Semicon Device LC866548 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LC866548/40/32/28/24A
No.6700-10/21
1. Absolute Maximum Ratings at VSS1=VSS2=0V and Ta=25
°C
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Supply voltage
VDD MAX
VDD1, VDD2
VDD3, VDD4
VDD1=VDD2
=VDD3=VDD4
-0.3
+7.0
VI(1)
•Ports 74,75
•Ports 80,81,82,
83
•Port 8
• RES
-0.3
VDD+0.3
Input voltage
VI(2)
VP
VDD-45
VDD+0.3
Output voltage
VO
S0/T0-S15/T15
VDD-45
VDD+0.3
VIO(1)
•Port 1
•Ports 70,71,72,
73
•Ports 84,85,86,
87
•Ports 0, 3 at
CMOS output
option
-0.3
VDD+0.3
VIO(2)
Ports 0, 3 at
N-ch open drain
output option
-0.3
15
Input/output
voltage
VIO(3)
S16 - S51
VDD-45
VDD+0.3
V
IOPH(1)
Ports 0, 1, 3
•CMOS output
•For each pin.
-10
IOPH(2)
S0/T0-S15/T15
For each pin.
-30
Peak
output
current
IOPH(3)
S16 - S51
For each pin.
-15
ΣIOAH(1)
Port 0
-30
ΣIOAH(2)
Ports 1, 3
-30
ΣIOAH(3)
S0/T0-S15/T15
-55
ΣIOAH(4)
S16 - S27
-60
ΣIOAH(5)
S28 - S39
-60
High
level
output
current
Total
output
current
ΣIOAH(6)
S40 - S51
The total of all
pins.
-60
IOPL(1)
Ports 0, 1, 3
20
Peak
output
current
IOPL(2)
•Ports 70,71,72,
73
•Ports 84,85,86,
87
For each pin.
15
ΣIOAL(1)
Port 0
60
ΣIOAL(2)
Ports 1, 3, 70
50
Low
level
output
current
Total
output
current
ΣIOAL(3)
•Ports 71,72, 73
•Ports 84,85,86,
87
The total of all
pins.
20
mA
Power dissipation
(max.)
Pdmax
QFP100E
Ta=-30 to+70
°C
500
mW
Operating
temperature
range
Topr
-30
70
Storage
temperature
range
Tstg
-55
125
°C


유사한 부품 번호 - LC866548

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC866548 SANYO-LC866548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866548 SANYO-LC866548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

유사한 설명 - LC866548

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com