전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC865508 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LC865508
상세설명  8-Bit Single Chip Microcontroller????
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865508 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LC865508 Datasheet HTML 1Page - Sanyo Semicon Device LC865508 Datasheet HTML 2Page - Sanyo Semicon Device LC865508 Datasheet HTML 3Page - Sanyo Semicon Device LC865508 Datasheet HTML 4Page - Sanyo Semicon Device LC865508 Datasheet HTML 5Page - Sanyo Semicon Device LC865508 Datasheet HTML 6Page - Sanyo Semicon Device LC865508 Datasheet HTML 7Page - Sanyo Semicon Device LC865508 Datasheet HTML 8Page - Sanyo Semicon Device LC865508 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LC86E5420
No.6805-3/21
(3) ROM space
The LC86E5420 and LC865500 / LC865400 series use 256 bytes that is addressed on 7F00H to 7FFFH in the
program memory as the option specified data area. These program memory capacity are 20480 bytes that is
addressed on 0000H to 4FFFH.
How to use
(1) Create a programming data for LC86E5420
Programming data for EPROM of the LC86E5420 is required.
Debugged evaluation file (EVA file) must be converted to an INTEL-HEX formatted file (HEX file) with file
converter program, EVA2HEX.EXE. The HEX file is used as the programming data for the LC86E5420.
(2) How to program for the EPROM
The LC86E5420 can be programmed by the EPROM programmer with attachment ; W86EP5420D,
W86EP5420Q.
• Recommended EPROM programmer
Productor
EPROM programmer
Advantest
R4945, R4944, R4943
Andou
AF-9704
AVAL
PKW-1100, PKW-3000
Minato electronics
MODEL1890A
• "27512 (Vpp=12.5V) Intel high speed programming" mode available. The address must be set to
"0000H to 7FFH" and a jumper (DASEC) must be set to 'OFF' at programming.
20K bytes
LC865520
6FFFH
7FFFH
7F00H
5FFFH
4EFFH
3FFFH
2FFFH
1FFFH
0FFFH
0000H
Option Data area
256 bytes
Program Area
16K bytes
LC865516
Option
Data area
Program Area
12K bytes
LC865512
LC865412
Option
Data area
Program Area
8K bytes
LC865508
LC865408
Option
Data area
Program Area
4K bytes
LC865504
LC865404
Option
Data area
Program Area


유사한 부품 번호 - LC865508

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC865508 SANYO-LC865508 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC865508B SANYO-LC865508B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865508B SANYO-LC865508B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
More results

유사한 설명 - LC865508

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com