전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC865608 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LC865608
상세설명  8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865608 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LC865608 Datasheet HTML 1Page - Sanyo Semicon Device LC865608 Datasheet HTML 2Page - Sanyo Semicon Device LC865608 Datasheet HTML 3Page - Sanyo Semicon Device LC865608 Datasheet HTML 4Page - Sanyo Semicon Device LC865608 Datasheet HTML 5Page - Sanyo Semicon Device LC865608 Datasheet HTML 6Page - Sanyo Semicon Device LC865608 Datasheet HTML 7Page - Sanyo Semicon Device LC865608 Datasheet HTML 8Page - Sanyo Semicon Device LC865608 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LC86E5632
No.6744-3/21
•Port form at reset
Pin
Contents of the option
LC86E5632
LC865632/28/24/20/16/12/08
Input
: Not pull-up MOS Tr.
Output : N-channel open drain
(Same as the mask version)
Input mode without pull-up
MOS Tr. (Output is OFF)
P0
Input
: Pull-up MOS Tr.
Output : CMOS
Input mode
•The pull-up MOS Tr. is not provided
during reset or several hundred
microseconds after releasing reset.
After that, the pull-up MOS Tr. is
provided. (Output is OFF)
Input mode without pull-up
MOS Tr. (Output is OFF)
Input
: Programmable pull-up
MOS Tr.
Output : N-channel open drain
(Same as the mask version)
Input mode without pull-up
MOS Tr. (Output is OFF)
P1,
P2
Input
: Programmable pull-up
MOS Tr.
Output : CMOS
(Same as the mask version)
Input mode without pull-up
MOS Tr. (Output is OFF)
Input
: Not Programmable
pull-up MOS Tr.
Output : N-channel open drain
(Same as the mask version)
Input mode without pull-up
MOS Tr. (Output is OFF)
P3,
P4,
P5
Input
: Programmable pull-up
MOS Tr.
Output : CMOS
(Same as the mask version)
Input mode without pull-up
MOS Tr. (Output is OFF)
Pull-up MOS Tr. not provided
(Same as the mask version)
Input mode without pull-up
MOS Tr.
P7
Pull-up MOS Tr. provided
Input mode
•The pull-up MOS Tr. is not provided
during reset or several hundred
microseconds after releasing reset.
After that, the pull-up MOS Tr. is
provided.
Input mode without pull-up
MOS Tr.
(2) Option
LC86E5632 uses 256 bytes which is addressed on 7F00H to 7FFFH in the program memory as option data area. This
area does not affect the execution of program but the program memory capacity of LC865632 is 32512 bytes which is
addressed on 0000H to 7EFFH.
The option data is created by the option specified program “SU865000.EXE”.
The created option data is linked to the
program area by linkage loader “L865000.EXE”.


유사한 부품 번호 - LC865608

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC865608 SANYO-LC865608 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC865608A SANYO-LC865608A Datasheet
643Kb / 20P
   8-Bit Single Chip Microcontroller
More results

유사한 설명 - LC865608

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com