전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC749402BG 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LC749402BG
상세설명  CMOS IC Silicon gate LCD Picture Quality Improvement IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC749402BG 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LC749402BG Datasheet HTML 1Page - Sanyo Semicon Device LC749402BG Datasheet HTML 2Page - Sanyo Semicon Device LC749402BG Datasheet HTML 3Page - Sanyo Semicon Device LC749402BG Datasheet HTML 4Page - Sanyo Semicon Device LC749402BG Datasheet HTML 5Page - Sanyo Semicon Device LC749402BG Datasheet HTML 6Page - Sanyo Semicon Device LC749402BG Datasheet HTML 7Page - Sanyo Semicon Device LC749402BG Datasheet HTML 8Page - Sanyo Semicon Device LC749402BG Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LC749402BG
No.A1618-2/11
LSI Specifications
• Supply voltage Core: 1.2V
I/O: 1.8V/2.85V/3.3V
• Maximum operating frequency: 40MHz
• Package: FBGA96
Principal Applications
• LCD display equipment
CDEX (Color Depth Expander)
Original
CDEX
Specifications
Absolute Maximum Ratings at Ta = 25
°C, DVSS = 0V, AVSS_OSC = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage (I/O)
DVDD_IO
-0.3 to +3.96
V
Maximum supply voltage (core)
DVDD_CORE
AVDD_OSC
-0.3 to +1.8
V
Digital input voltage
VI
-0.3 to DVDD_IO+0.3
V
Digital output voltage
VO
-0.3 to DVDD_IO+0.3
V
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
Allowable Operating Ranges at Ta = -40 to +85
°C, DVSS = 0V, AVSS_OSC = 0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
2.6
2.85
3.6
V
Supply voltage (I/O)
DVDD_IO
1.7
1.8
1.9
V
Supply voltage (I/O)
DVDD_CORE
AVDD_OSC
1.0
1.2
1.3
V
Input voltage range
VIN
0
DVDD_IO
V


유사한 부품 번호 - LC749402BG

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
More results

유사한 설명 - LC749402BG

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749403BG SANYO-LC749403BG Datasheet
230Kb / 13P
   Silicon gate LCD Picture Quality Improvement IC
logo
Princeton Technology Co...
PT6596 PTC-PT6596 Datasheet
71Kb / 6P
   PICTURE CELL LCD DRIVER IC
logo
Toshiba Semiconductor
TC90205FG TOSHIBA-TC90205FG Datasheet
707Kb / 18P
   Picture quality improver IC embedded T-Con signal generation
2016-04-25 Rev.1.00
logo
Sanyo Semicon Device
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
logo
Siemens Semiconductor G...
SDA9388X SIEMENS-SDA9388X Datasheet
74Kb / 2P
   Single-Chip Picture in Picture IC
logo
Sanyo Semicon Device
LC74900 SANYO-LC74900 Datasheet
188Kb / 14P
   CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
logo
E-Tech Electronics LTD
MN662793 ETL-MN662793 Datasheet
818Kb / 41P
   Silicon CMOS IC
logo
NXP Semiconductors
TDA9176 PHILIPS-TDA9176 Datasheet
91Kb / 16P
   Luminance Transient Improvement LTI IC
1996 Jan 30
TDA4671 PHILIPS-TDA4671 Datasheet
152Kb / 16P
   Picture Signal Improvement PSI circuit
1996 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com