전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC866532 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LC866532
상세설명  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866532 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LC866532 Datasheet HTML 5Page - Sanyo Semicon Device LC866532 Datasheet HTML 6Page - Sanyo Semicon Device LC866532 Datasheet HTML 7Page - Sanyo Semicon Device LC866532 Datasheet HTML 8Page - Sanyo Semicon Device LC866532 Datasheet HTML 9Page - Sanyo Semicon Device LC866532 Datasheet HTML 10Page - Sanyo Semicon Device LC866532 Datasheet HTML 11Page - Sanyo Semicon Device LC866532 Datasheet HTML 12Page - Sanyo Semicon Device LC866532 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LC86P6548
No.6690-9/22
Pin name
I/O
Function description
Option
PROM mode
S48 to S51
*9
I/O
•Output for VFD display controller Segment
•Other function
S48 : High voltage I/O port PG0
S49 : High voltage I/O port PG1
S50 : High voltage I/O port PG2
S51 : High voltage I/O port PG3
-
-
RES
I
Reset pin
-
-
XT1/ P74
I
•Input pin for 32.768kHz crystal oscillation
•Other function
XT1 : Input port P74
In case of non use, connect to VDD1.
-
-
XT2/P75
O
•Output pin for 32.768kHz crystal oscillation
•Other function
XT2 : Input port P75
In case of non use, connect to VDD1 at using
as port or unconnect at using as oscillation.
-
-
CF1
I
Input pin for the ceramic resonator oscillation
-
-
CF2
O
Output pin for the ceramic resonator oscillation
-
-
♦ All of port options (except pull-up resistor of port 0) can be specified in bit unit.
*1
Memory select input for data security
*2
Output enable input
*3
Chip enable input
*4
Connect like the following figure to reduce noise into a VDD1 terminal.
Shorted the VSS1 terminal to the VSS2 terminal and to make the back-up time long.
*5
TA ! PROM control signal input
*6
S0/T0 to S6/T6 : not provided the pull-down resistor
*7
S7/T7 to S15/T15 : provided the pull-down resistor (fixed)
*8
S16 to S31 : provided the pull-down resistor (fixed)
*9
S32 to S51 : not provided the pull-down resistor
Power
Supply
LSI
VDD1
Back-up capacitor
VDD2
VDD3
VSS2
VSS1
VDD4
VFD
powers


유사한 부품 번호 - LC866532

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC866532 SANYO-LC866532 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866532A SANYO-LC866532A Datasheet
641Kb / 21P
   8-Bit Single Chip Microcontroller
More results

유사한 설명 - LC866532

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com