전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC875032A 데이터시트(PDF) 11 Page - Sanyo Semicon Device

부품명 LC875032A
상세설명  8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC875032A 데이터시트(HTML) 11 Page - Sanyo Semicon Device

Back Button LC875032A Datasheet HTML 7Page - Sanyo Semicon Device LC875032A Datasheet HTML 8Page - Sanyo Semicon Device LC875032A Datasheet HTML 9Page - Sanyo Semicon Device LC875032A Datasheet HTML 10Page - Sanyo Semicon Device LC875032A Datasheet HTML 11Page - Sanyo Semicon Device LC875032A Datasheet HTML 12Page - Sanyo Semicon Device LC875032A Datasheet HTML 13Page - Sanyo Semicon Device LC875032A Datasheet HTML 14Page - Sanyo Semicon Device LC875032A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LC875032A/24A/16A
No.6713-11/25
Port Output Configuration
Output configuration and pull-up resistor options are shown in the following table.
Input is possible even when port is set to output mode.
Terminal
Option
applies to:
Option
Output Format
Pull-up resistor
1
CMOS
Programmable (Note 1)
P00-P07
1 bit units
2
Nch-open drain
None
1
CMOS
Programmable
P10-P17
P20-P27
each bit
2
Nch-open drain
Programmable
1
CMOS
Programmable
PA2-PA5
PB0-PB7(*)
PC0-PC7
each bit
2
Nch-open drain
Programmable
P70
-
None
Nch-open drain
Programmable
P71-P73
-
None
CMOS
Programmable
P80-P82
-
None
Nch-open drain
None
PWM0,
PWM1
-
None
CMOS
None
XT1
-
None
Input only
None
XT2
-
None
Output for 32.768kHz crystal oscillation
None
Note 1 Programmable pull-up resisters of Port 0 can be attatched in nibble units (P00-03, P04-07).
(*) When in parallel interface mode, PB0-PB7 output format is CMOS, regardless of any selected option.
Note: Connect as follows to reduce noise on VDD and increase the back-up time.
VSS1, VSS2 and VSS3 must be connected together and grounded.
Example 1 : In hold mode, during backup, port output ‘H’ level is supplied from the back-up capacitor.
Example 2 : During backup in hold mode output is not held high and its value in unsettled.
Power
Supply
LSI
VDD1
VDD2
VDD3
VSS1
VSS2
VSS3
Back-up capacitor
Power
Supply
LSI
VDD1
VDD2
VDD3
VSS1
VSS2
VSS3
Back-up capacitor


유사한 부품 번호 - LC875032A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC875048B SANYO-LC875048B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC875056B SANYO-LC875056B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC875064B SANYO-LC875064B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
More results

유사한 설명 - LC875032A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868116 SANYO-LC868116 Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC875064B SANYO-LC875064B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC875G32A SANYO-LC875G32A Datasheet
149Kb / 23P
   ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC876D08A SANYO-LC876D08A Datasheet
141Kb / 19P
   CMOS IC ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com