전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC875016A 데이터시트(PDF) 7 Page - Sanyo Semicon Device

부품명 LC875016A
상세설명  8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC875016A 데이터시트(HTML) 7 Page - Sanyo Semicon Device

Back Button LC875016A Datasheet HTML 3Page - Sanyo Semicon Device LC875016A Datasheet HTML 4Page - Sanyo Semicon Device LC875016A Datasheet HTML 5Page - Sanyo Semicon Device LC875016A Datasheet HTML 6Page - Sanyo Semicon Device LC875016A Datasheet HTML 7Page - Sanyo Semicon Device LC875016A Datasheet HTML 8Page - Sanyo Semicon Device LC875016A Datasheet HTML 9Page - Sanyo Semicon Device LC875016A Datasheet HTML 10Page - Sanyo Semicon Device LC875016A Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LC875032A/24A/16A
No.6713-7/25
QIP
NAME
DIP
QIP
NAME
DIP
1
P12/SCK0
25
33
PB1/D1
57
2
P13/SO1
26
34
PB0/D0
58
3
P14/SI1/SB1
27
35
VSS3
59
4
P15/SCK1
28
36
VDD3
60
5
P16/T1PWML
29
37
PC7/A7
61
6
P17/T1PWMH/BUZ
30
38
PC6/A6
62
7
PWM1
31
39
PC5/A5
63
8
PWM0
32
40
PC4/A4
64
9
VDD2
33
41
PC3/A3
1
10
VSS2
34
42
PC2/A2
2
11
P00
35
43
PC1/A1
3
12
P01
36
44
PC0/A0
4
13
P02
37
45
PA2/CS0#
5
14
P03
38
46
PA3/WR#
6
15
P04
39
47
PA4/RD#
7
16
P05
40
48
PA5/RS
8
17
P06
41
49
P70/INT0/T0LCP
9
18
P07
42
50
P71/INT1/T0HCP
10
19
P20/INT4/T1IN
43
51
P72/INT2/T0IN
11
20
P21/INT4/T1IN
44
52
P73/INT3/T0IN
12
21
P22/INT4/T1IN
45
53
RES#
13
22
P23/INT4/T1IN
46
54
XT1
14
23
P24/INT5/T1IN
47
55
XT2
15
24
P25/INT5/T1IN
48
56
VSS1
16
25
P26/INT5/T1IN
49
57
CF1
17
26
P27/INT5/T1IN
50
58
CF2
18
27
PB7/D7
51
59
VDD1
19
28
PB6/D6
52
60
P80/AN0
20
29
PB5/D5
53
61
P81/AN1
21
30
PB4/D4
54
62
P82/AN2
22
31
PB3/D3
55
63
P10/SO0
23
32
PB2/D2
56
64
P11/SI0/SB0
24


유사한 부품 번호 - LC875016A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC875048B SANYO-LC875048B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC875056B SANYO-LC875056B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC875064B SANYO-LC875064B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
More results

유사한 설명 - LC875016A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868116 SANYO-LC868116 Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC875064B SANYO-LC875064B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC875G32A SANYO-LC875G32A Datasheet
149Kb / 23P
   ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC876D08A SANYO-LC876D08A Datasheet
141Kb / 19P
   CMOS IC ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com