전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC-7832-HA 데이터시트(PDF) 4 Page - NEC

부품명 MC-7832-HA
상세설명  GaAs MULTI-CHIP MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

MC-7832-HA 데이터시트(HTML) 4 Page - NEC

  MC-7832-HA Datasheet HTML 1Page - NEC MC-7832-HA Datasheet HTML 2Page - NEC MC-7832-HA Datasheet HTML 3Page - NEC MC-7832-HA Datasheet HTML 4Page - NEC MC-7832-HA Datasheet HTML 5Page - NEC MC-7832-HA Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet PG10685EJ01V0DS
4
MC-7832-HA
NOTES ON CORRECT USE
(1) The space between PC board and root of the lead should be kept more than 1 mm to prevent undesired stress
to the lead and also should be kept less than 4 mm to prevent undesired parasitic inductance.
Recommended that space is 2.0 to 3.0 mm typical.
(2) Recommended torque strength of the screw is 59 to 78 Ncm.
(3) Form the ground pattern as wide as possible to minimize ground impedance.
(to prevent undesired oscillation)
All the ground pins must be connected together with wide ground pattern to decrease impedance difference.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions.
For soldering
methods and conditions other than those recommended below, contact your nearby sales office.
Soldering Method
Soldering Conditions
Recommended Condition Symbol
Pin Part Heating
Pin area temperature (pin temperature)
: 350
°C or below Note
Soldering time (per pin of device)
: 3 seconds or less
Note The point of pin part heating must be kept more than 1.2 mm distance from the root of lead.


유사한 부품 번호 - MC-7832-HA

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
MC-7832-HA RENESAS-MC-7832-HA Datasheet
264Kb / 8P
   GaAs MULTI-CHIP MODULE
2007
logo
California Eastern Labs
MC-7832-HA-AZ CEL-MC-7832-HA-AZ Datasheet
158Kb / 5P
   1 GHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7832-HA_2015 JMNIC-MC-7832-HA_2015 Datasheet
65Kb / 6P
   1 GHz CATV 22 dB PUSH-PULL AMPLIFIER
More results

유사한 설명 - MC-7832-HA

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
MC-7833 RENESAS-MC-7833 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7836 RENESAS-MC-7836 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2008
MC-7883 RENESAS-MC-7883 Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2002
logo
NEC
MC-7881 NEC-MC-7881 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
MC-7883 NEC-MC-7883 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
logo
Renesas Technology Corp
MC-7832-HA RENESAS-MC-7832-HA Datasheet
264Kb / 8P
   GaAs MULTI-CHIP MODULE
2007
MC-7845 RENESAS-MC-7845 Datasheet
195Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7846 RENESAS-MC-7846 Datasheet
195Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7891 RENESAS-MC-7891 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2007
MC-7893 RENESAS-MC-7893 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2005
logo
NEC
MC-7891 NEC-MC-7891 Datasheet
64Kb / 6P
   GaAs MULTI-CHIP MODULE
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com