전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC8901Q 데이터시트(PDF) 11 Page - Sanyo Semicon Device

부품명 LC8901Q
상세설명  Digital Audio Interface Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8901Q 데이터시트(HTML) 11 Page - Sanyo Semicon Device

Back Button LC8901Q Datasheet HTML 7Page - Sanyo Semicon Device LC8901Q Datasheet HTML 8Page - Sanyo Semicon Device LC8901Q Datasheet HTML 9Page - Sanyo Semicon Device LC8901Q Datasheet HTML 10Page - Sanyo Semicon Device LC8901Q Datasheet HTML 11Page - Sanyo Semicon Device LC8901Q Datasheet HTML 12Page - Sanyo Semicon Device LC8901Q Datasheet HTML 13Page - Sanyo Semicon Device LC8901Q Datasheet HTML 14Page - Sanyo Semicon Device LC8901Q Datasheet HTML 15Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Microprocessor Interface Output
The table lists the content of the bits D0 to D15 in the microprocessor interface format.
Interpretation of Bits D1 and D2
1. The #1 state is the state in which the data was cleared by a PLL lock error.
2. The initial settings of the modes immediately after the XMODE pin is switched from low to high are all low level.
However, D1 and D2 will indicate the #1 state.
3. The microprocessor data output registers are all cleared to 0 when PLL locking is lost. However, D1 and D2 will
indicate the #1 state.
4. The interval between two microprocessor data readout operations must be at least 6 ms. Also, when PLL locking is
lost the microprocessor must wait at least 6 ms after the error signal goes low before accessing data.
FS Code
The SUB1 and SUB2 pins indicate the input data sampling frequency.
The #1 state is the state in which the data was cleared by a PLL lock error.
Lock and Errors
1. LOCK pin: This pin goes high when preamble detection has succeeded for 2 consecutive frames and thus indicates
the PLL locked state. This pin is low at all other times. In particular, it is low when the XMODE pin is low, when the
STOP pin is high, and in analog source mode.
2. ERROR pin: Goes high when an error exists in the input data or when the PLL circuit is in the unlocked state. When
the data returns to normal it holds the high level for about 200 to 300 ms and then falls to low. This period is
inversely proportional to the input data sampling frequency. This pin is high when the XMODE pin is low, when the
STOP pin is high, and in analog source mode.
3. Data processing when errors occur: The table below lists the data processing that is performed when an error occurs.
Note: The term “C bit data” means data that was decoded from the channel status bit.
• When there is no data input to the data demodulation system, the system automatically switches from PLL
operation to the crystal oscillator and enters analog source mode.
• These pins indicate a state identical to a PLL lock error in any of the following cases: The STOP pin is high, the
XMODE pin is low, or the system is in analog source mode.
No. 4079-11/15
LC8901, 8901Q
Bit
Meaning
D0
Invalid bit. A low level is always output.
D1
Indicate the sampling frequency.
D2
Correspond to the 2 external output port pins.
D3
Indicates the copy flag.
Low: copy protected, high: copying allowed.
D4
Outputs the first bit in the channel status bits.
D5 to D12
These bits serially output the 8 bits of the channel status category code.
D13 D15
Invalid bit. A low level is always output.
Sampling frequency
32 kHz
44.1 kHz
48 kHz
#1
D1
H
L
L
H
D2
H
L
H
L
Sampling frequency
32 kHz
44.1 kHz
48 kHz
#1
SUB1
H
L
L
H
SUB2
H
L
H
L
Error type
Audio output data
C bit output data
Continuous parity errors for up to 8 cycles
The previous data value is output
Held
Continuous parity errors for 9 or more cycles
All zero data is output
Held
PLL lock error
All zero data is output
Data is cleared and the #1 state is indicated.


유사한 부품 번호 - LC8901Q

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC8900KQ SANYO-LC8900KQ Datasheet
146Kb / 12P
   Digital Audio Interface Receiver
LC8902 SANYO-LC8902 Datasheet
291Kb / 14P
   Digital Audio Interface Receiver
LC8902Q SANYO-LC8902Q Datasheet
291Kb / 14P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC8904 SANYO-LC8904 Datasheet
322Kb / 20P
   Digital Audio Interface Receiver
More results

유사한 설명 - LC8901Q

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com