전자부품 데이터시트 검색엔진 |
|
LC8901Q 데이터시트(PDF) 6 Page - Sanyo Semicon Device |
|
LC8901Q 데이터시트(HTML) 6 Page - Sanyo Semicon Device |
6 / 15 page Specifications Absolute Maximum Ratings at Ta = 25°C Allowable Operating Ranges DC Characteristics at Ta = –30 to +75°C, VDD = 4.5 to 5.5 V Note: 1. Input pins other than the data input pins DIN1, DIN2, DIN3, and DIN4, and the XMODE pin 2. XMODE pin 3. When VDD = 5.0 V, Ta = 25°C, and the input data FS is 48 kHz 4. At the conditions prior to the input capacitance of the data input pins DIN1, DIN2, DIN3, and DIN4 AC Characteristics at Ta = –30 to +75°C, VDD = 4.5 to 5.5 V Note: Load capacitance: Each pin has a load capacitance of 30 pF. No. 4079-6/15 LC8901, 8901Q Parameter Symbol Conditions Ratings Unit Maximum supply voltage VDD max –0.3 to +7.0 V Maximum input voltage VIN max –0.3 to VDD + 0.3 V Maximum output voltage VOUT max –0.3 to VDD + 0.3 V Operating temperature Topr –30 to +75 °C Storage temperature Tstg –55 to +125 °C Parameter Symbol Conditions min typ max Unit Supply voltage VDD 4.5 5.0 5.5 V Operating temperature Topr –30 +75 °C Parameter Symbol Conditions min typ max Unit Input high-level voltage VIH *1 2.2 VDD + 0.3 V Input low-level voltage VIL *1 –0.3 0.8 V Input high-level voltage VIH *2 0.8 VDD VDD + 0.3 V Input low-level voltage VIL *2 –0.3 0.2 VDD V Output high-level voltage VOH IOH = –1 µA VDD – 0.05 V Output low-level voltage VOL IOL = +1 µA VSS + 0.05 V Current drain IDD *3 10 20 30 mA Input amplitude VIN *4 0.4 VDD + 0.3 Vp-p Parameter Symbol Conditions min typ max Unit Output pulse width tWBO fs = 48 kHz 160 ns Output setup time tDSO 80 ns Output data hold time tDHO 80 ns Output delay for high tbdH –10 0 10 ns Output delay for low tbdL –10 0 10 ns |
유사한 부품 번호 - LC8901Q |
|
유사한 설명 - LC8901Q |