전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC89170M 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LC89170M
상세설명  CD Player Text Data IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89170M 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LC89170M Datasheet HTML 1Page - Sanyo Semicon Device LC89170M Datasheet HTML 2Page - Sanyo Semicon Device LC89170M Datasheet HTML 3Page - Sanyo Semicon Device LC89170M Datasheet HTML 4Page - Sanyo Semicon Device LC89170M Datasheet HTML 5Page - Sanyo Semicon Device LC89170M Datasheet HTML 6Page - Sanyo Semicon Device LC89170M Datasheet HTML 7Page - Sanyo Semicon Device LC89170M Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
No. 5536-3/8
LC89170M
DC Characteristics
DC Characteristics (1) at Ta = –30 to +70°C, VDD = 4.5 to 5.5 V, VSS = 0 V
Note: 1. The MCK, TEST, SW1, and SW2 pins
2. The EXCK, SBSO, SCOR, WFCK, XMODE, and SCLK pins
3. The EXCK, SRDT, and DQSY pins
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input high-level voltage
VIH
CMOS compatible; 1*
0.7 VDD
V
CMOS compatible Schmitt; 2*
0.8 VDD
V
Input low-level voltage
VIL
CMOS compatible; 1*
0.3 VDD
V
CMOS compatible Schmitt; 2*
0.2 VDD
V
Output high-level voltage
VOH
IOH = –2 mA; 3*
VDD–2.1
V
Output low-level voltage
VOL
IOH = 2 mA; 3*
0.4
V
Current drain
IDD
VDD = 5 V, Ta = 25°C, MCK = 16.93 MHz
0.8
1.6
mA
VDD = 5 V, XMODE = [L]
60
120
µA
AC Characteristics
• The MCK pin
AC Characteristics (1) at Ta = –30 to +70°C, VDD = 3.0 to 5.5 V, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
High-level pulse width
tWH
25
56
ns
Low-level pulse width
tWL
25
56
ns
Pulse period
tC
58
100
ns
Rise and fall times
tR, tF
12
ns
DC Characteristics (2) at Ta = –30 to +70°C, VDD = 3.0 to 3.6 V, VSS = 0 V
Note: 1. The MCK, TEST, SW1, and SW2 pins
2. The EXCK, SBSO, SCOR, WFCK, XMODE, and SCLK pins
3. The EXCK, SRDT, and DQSY pins
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input high-level voltage
VIH
CMOS compatible; 1*
0.7 VDD
V
CMOS compatible Schmitt; 2*
0.75 VDD
V
Input low-level voltage
VIL
CMOS compatible; 1*
0.2 VDD
V
CMOS compatible Schmitt; 2*
0.15 VDD
V
Output high-level voltage
VOH
IOH = –1 mA; 3*
VDD–0.8
V
Output low-level voltage
VOL
IOH = 1 mA; 3*
0.4
V
Current drain
IDD
VDD = 3.3 V, Ta = 25°C, MCK = 16.93 MHz
0.5
1.0
mA
VDD = 3.3 V, XMODE = [L]
25
50
µA


유사한 부품 번호 - LC89170M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC8910 SANYO-LC8910 Datasheet
102Kb / 4P
   Remote Control LSI
LC8912 SANYO-LC8912 Datasheet
102Kb / 4P
   Remote Control LSI
LC8913 SANYO-LC8913 Datasheet
102Kb / 4P
   Remote Control LSI
More results

유사한 설명 - LC89170M

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA2125AF TOSHIBA-TA2125AF_03 Datasheet
118Kb / 7P
   Power Driver IC for CD Player
TA2092N TOSHIBA-TA2092N_01 Datasheet
165Kb / 7P
   Power Driver IC for CD Player
TA2092N TOSHIBA-TA2092N Datasheet
263Kb / 6P
   POWER DRIVER IC FOR CD PLAYER
TA2125AF TOSHIBA-TA2125AF Datasheet
101Kb / 7P
   Power Driver IC for CD Player
TA2058F TOSHIBA-TA2058F Datasheet
405Kb / 11P
   POWER DRIVER IC FOR CD PLAYER
TA8192F TOSHIBA-TA8192F Datasheet
224Kb / 6P
   POWER DRIVER IC FOR CD PLAYER
TA2092AN TOSHIBA-TA2092AN Datasheet
207Kb / 7P
   Power Driver IC for CD Player
logo
Sony Corporation
CXA1753M SONY-CXA1753M Datasheet
60Kb / 7P
   I-V Photo IC for CD Player
logo
Panasonic Semiconductor
AN8735NSB PANASONIC-AN8735NSB Datasheet
51Kb / 5P
   2-channel linear driver IC for CD/CD-ROM player
AN8746SA PANASONIC-AN8746SA Datasheet
53Kb / 5P
   PWM driver IC for portable CD player
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com