전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC895127K 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LC895127K
상세설명  40 x CD-ROM Decoder with SCSI Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895127K 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LC895127K Datasheet HTML 1Page - Sanyo Semicon Device LC895127K Datasheet HTML 2Page - Sanyo Semicon Device LC895127K Datasheet HTML 3Page - Sanyo Semicon Device LC895127K Datasheet HTML 4Page - Sanyo Semicon Device LC895127K Datasheet HTML 5Page - Sanyo Semicon Device LC895127K Datasheet HTML 6Page - Sanyo Semicon Device LC895127K Datasheet HTML 7Page - Sanyo Semicon Device LC895127K Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
No. 6236-4/8
LC895127, 895127K
Pin Functions
Type
I
INPUT
B
BIDIRECTION
NC
NOT CONNECT
O
OUTPUT
P
POWER
Pin No.
Pin name
Type
Pin functions
1VSS0
P
2
IO2
B
Buffer RAM data I/O
3
IO1
B
These pins have built-in pull-up resistors.
4
IO0
B
5
MCK2SEL
I
PLL frequency selection. Currently, this pin must be connected to VDD.
6
C2PO
I
7
SDATA
I
CD DSP interface
8
BCK
I
9
LRCK
I
10
EXCK
O
Subcode I/O
11
WFCK
I
12
SBSO
I
Subcode I/O
13
SCOR
I
14
DSDATA
O
15
DLRCK
O
D/A converter outputs
16
DBCK
O
17
MCK
O
XTALCLK0 1/1, 1/2, and stop output
18
VDD
P
19
VSS0
P
20
RESET
I
IC reset. The IC is reset on a low-level input
21
CSCTRL
I
MC (Microcontroller) CSL0, Hi
22
TEST3
I
23
TEST0
I
Test pins. These pins must be connected to VSS0 in normal operation.
24
TEST1
I
25
TEST2
I
26
VSS0
P
27
XTALCK0
I
Crystal oscillator circuit input
28
XTAL0
O
Crystal oscillator circuit output
29
TEST4
I
Test pin. This pin must be connected to VSS0 in normal operation.
30
VSS0
P
31
VSS0
P
32
VSS0
P
33
VSS0
P
34
IOP7
I
General-purpose I/O ports. These pins include built-in pull-up resistors.
35
IOP6
I
36
VSS0
P
37
VDD
P
38
IOP5
I
39
IOP4
I
40
IOP3
I
General-purpose I/O ports. These pins include built-in pull-up resistors.
41
IOP2
I
42
IOP1
I
43
IOP0
I
44
VSS0
P
45
RD
I
Microcontroller data read signal input
46
WR
I
Microcontroller data write signal input
47
CS
I
Register chip select input from the microcontroller
48
SUA0
I
49
SUA1
I
50
SUA2
I
Microcontroller register selection signals
51
SUA3
I
52
SUA4
I
53
SUA5
I
Continued on next page.


유사한 부품 번호 - LC895127K

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC895124 SANYO-LC895124 Datasheet
84Kb / 8P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125Q SANYO-LC895125Q Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125W SANYO-LC895125W Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
More results

유사한 설명 - LC895127K

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC897127K SANYO-LC897127K Datasheet
79Kb / 14P
   SCSI CD-ROM Decoder with On-Chip DVD Interface
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
   CD-ROM DECODER
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
   CD-ROM DECODER
CXD1808AQ SONY-CXD1808AQ Datasheet
1Mb / 53P
   CD-ROM DECODER
CXD1186CQ SONY-CXD1186CQ Datasheet
454Kb / 46P
   CD-ROM Decoder
CXD1804BR SONY-CXD1804BR Datasheet
813Kb / 103P
   CD-ROM Decoder
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com