전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC89515 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LC89515
상세설명  CD-ROM/CD-I Error Correction/ Host Interface LSI
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89515 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LC89515 Datasheet HTML 1Page - Sanyo Semicon Device LC89515 Datasheet HTML 2Page - Sanyo Semicon Device LC89515 Datasheet HTML 3Page - Sanyo Semicon Device LC89515 Datasheet HTML 4Page - Sanyo Semicon Device LC89515 Datasheet HTML 5Page - Sanyo Semicon Device LC89515 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Write
Note: The values of the shaded bits are ignored.
6. Additional Registers
Write
[R14] CTRL2: Control 2
STENCTL (STEN control)
0.........The external STEN pin goes to 0 when the microprocessor writes one byte of status information. (This is
identical to LC8951 operation.)
1.........The external STEN pin goes to 0 due to 0 being written to the STENTRG register when the
microprocessor writes * bytes of status information.
This bit is set to 0 on reset.
STENTRG (STEN trigger)
This bit is only valid when STENCTL is 1.
The external STEN pin goes to 0 when a 0 is written to this bit.
This bit is reset when the host reads the last byte, i.e., when the external STEN pin has become 1.
DLAEN (drive last address enable)
When WRRQ is set to 0 during buffering, buffering continues until the next SYNC signal arrives and then stops.
This results in the sectors that are buffered when WRRQ was set to 0 becoming valid. (This bit is set to 0 on
reset.)
BCKSL (bit clock select)
Setting this bit to 1 allows the bit clock from the CD-DSP to be inverted. (SDATA is acquired on the rising edge
of BCK.) (This bit is set to 0 on reset.)
No. 4272-5/6
LC89515K
RS
AR
No.
Symbol
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
0
AR
A3
A2
A1
A0
0000
R0
SBOUT
msb
lsb
0001
R1
IFCTRL
CMDIEN
DTEIEN
DECIEN
CMDBK
DTWAI
STWAI
DOUTEN
SOUTEN
0010
R2
DBCL
B7
B6
B5
B4
B3
B2
B1
B0
0011
R3
DBCH
B11
B10
B9
B8
0100
R4
DACL
A7
A6
A5
A4
A3
A2
A1
A0
0101
R5
DACH
A15
A14
A13
A12
A11
A10
A9
A8
0110
R6
DTTRG
1
0111
R7
DTACK
1000
R8
WAL
A7
A6
A5
A4
A3
A2
A1
A0
1001
R9
WAH
A15
A14
A13
A12
A11
A10
A9
A8
1010
R10
CTRL0
DECEN
E01RQ
AUTORQ
ERAMRQ
WRRQ
QRQ
PRQ
1011
R11
CTRL1
SYIEN
SYDEN
DSCREN
COWREN
MODRQ
FORMRQ
MBCKRQ
SHDREN
1100
R12
PTL
A7
A6
A5
A4
A3
A2
A1
A0
1101
R13
PTH
A15
A14
A13
A12
A11
A10
A9
A8
1110
R14
CTRL2
0
0
0
BCKSL
DLAEN
0
STENCTL
STENTRG
1111
R15
RESET


유사한 부품 번호 - LC89515

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC89510 SANYO-LC89510 Datasheet
292Kb / 6P
   CMOS LSI
LC895124 SANYO-LC895124 Datasheet
84Kb / 8P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125Q SANYO-LC895125Q Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125W SANYO-LC895125W Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
More results

유사한 설명 - LC89515

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC89517K SANYO-LC89517K Datasheet
114Kb / 5P
   Built-in Subcode Interface CD-ROM/CD-I Error Correction LSI
LC895170W SANYO-LC895170W Datasheet
117Kb / 5P
   CD-ROM Error Correction LSI
LC89513K SANYO-LC89513K Datasheet
108Kb / 4P
   CD-ROM Error Correction LSI for Integrated Host CPU System
logo
NXP Semiconductors
SAA7382 PHILIPS-SAA7382 Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7385 PHILIPS-SAA7385 Datasheet
251Kb / 64P
   Error correction and host interface IC for CD-ROM SEQUOIA
1996 Jun 19
SAA7380 PHILIPS-SAA7380 Datasheet
227Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7388 PHILIPS-SAA7388 Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 26
logo
Sanyo Semicon Device
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
LC8956 SANYO-LC8956 Datasheet
226Kb / 8P
   Error Correction and ADPCM Decoder IC for CD-1/CD-ROM XA Systems
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com