전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC895198 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LC895198
상세설명  CD-ROM Decoder for 32 x ATAPI (IDE) Drives
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895198 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LC895198 Datasheet HTML 1Page - Sanyo Semicon Device LC895198 Datasheet HTML 2Page - Sanyo Semicon Device LC895198 Datasheet HTML 3Page - Sanyo Semicon Device LC895198 Datasheet HTML 4Page - Sanyo Semicon Device LC895198 Datasheet HTML 5Page - Sanyo Semicon Device LC895198 Datasheet HTML 6Page - Sanyo Semicon Device LC895198 Datasheet HTML 7Page - Sanyo Semicon Device LC895198 Datasheet HTML 8Page - Sanyo Semicon Device LC895198 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
No. 6237-5/10
LC895198
Pin Functions
LC895198 Pin Functions 1
(When ATPINSEL (pin 113) is 0)
Type
I
INPUT
B
BIDIRECTION
NC
NOT CONNECT
O
OUTPUT
P
POWER
Pin No.
Pin
Type
Function
1VDD0
P
5.0 V
2
DREQ
O
DVD ECC data request output
3
DRESP
I
DVD ECC data latch signal input
4
HDB7 (IOP0)
B
5
HDB6 (IOP1)
B
6
HDB5 (IOP2)
B
7
HDB4 (IOP3)
B
DVD ECC data I/O
8
HDB3 (IOP4)
B
These pins can be switched to function as general-purpose I/O ports by register settings.
9
HDB2 (IOP5)
B
10
HDB1 (IOP6)
B
11
HDB0 (IOP7)
B
12
MCK3
O
XTALCLK 1/1, 1/2, and stop output
13
VSS0
P
14
VDD1
P
3.3 V
15
VDD0
P
5.0 V
16
DSDATA
O
17
DLRCK
O
D/A converter output
18
DBCK
O
19
C2PO
I
20
SDATA
I
CD DSP interface
21
BCK
I
22
LRCK
I
23
EXCK
O
24
WFCK
I
Subcode I/O
25
SBSO
I
26
SCOR
I
27
MCK
O
XTALCLK 1/1, 1/2, and stop output
28
XTALCK
I
Crystal oscillator circuit input
29
XTAL
O
Crystal oscillator circuit output
30
VSS0
P
31
VDD1
P
3.3 V
32
VDD0
P
5.0 V
33
VSS0
P
34
CSCTRL
I
Active low/active high selection for the microcontroller CS pin
35
ZRD
I
Microcontroller data read signal input
36
ZWR
I
Microcontroller data write signal input
37
ZCS
I
Register chip select input from the microcontroller
38
SUA0
I
39
SUA1
I
40
SUA2
I
41
SUA3
I
Microcontroller register selection signals
42
SUA4
I
43
SUA5
I
44
SUA6
I
45
VDD1
P
3.3 V
46
VDD0
P
5.0 V
47
VSS0
P
Continued on next page.


유사한 부품 번호 - LC895198

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
LC895196 SANYO-LC895196 Datasheet
146Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895196K SANYO-LC895196K Datasheet
144Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
More results

유사한 설명 - LC895198

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
logo
Winbond
W88113C WINBOND-W88113C Datasheet
573Kb / 47P
   ATAPI CD-ROM DECODER & CONTROLLER
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
logo
Sanyo Semicon Device
LC895299W SANYO-LC895299W Datasheet
73Kb / 12P
   48 x Speed ATAPI (IDE) CD-ROM Decoder with On-Chip Digital Servo System
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Sanyo Semicon Device
LC897194 SANYO-LC897194 Datasheet
84Kb / 11P
   CD-ROM Decoder with Built-In ATAPI (IDE) and DVD ECC Interfaces
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
logo
Samsung semiconductor
S5L9274 SAMSUNG-S5L9274 Datasheet
241Kb / 36P
   DECODER FOR CD-MP3/CD-ROM
logo
Sanyo Semicon Device
LC895994 SANYO-LC895994 Datasheet
65Kb / 7P
   CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com