전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC895299L 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LC895299L
상세설명  48 x Speed ATAPI (IDE) CD-ROM Decoder with On-Chip Digital Servo System
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895299L 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LC895299L Datasheet HTML 4Page - Sanyo Semicon Device LC895299L Datasheet HTML 5Page - Sanyo Semicon Device LC895299L Datasheet HTML 6Page - Sanyo Semicon Device LC895299L Datasheet HTML 7Page - Sanyo Semicon Device LC895299L Datasheet HTML 8Page - Sanyo Semicon Device LC895299L Datasheet HTML 9Page - Sanyo Semicon Device LC895299L Datasheet HTML 10Page - Sanyo Semicon Device LC895299L Datasheet HTML 11Page - Sanyo Semicon Device LC895299L Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
No. 6249-9/12
LC895299W, 895299L
Pin Functions
LC895299 Pin Functions 2
(When pin 95, ATPINSEL, is high)
Type
I
INPUT
B
BIDIRECTION
NC
NOT CONNECT
O
OUTPUT
P
POWER
Pin No.
Pin
Type
Function
1VSS
P
Logic system ground
2
FLOCK/CRCERR
O
Monitor outputs
3
DIR/TLOCK
O
4
ZSWAIT
O
Wait signal output to the microcontroller
5
WRQ/HFLO
O
Monitor output
6
ZINT0
O
Microcontroller interrupt
7
ZINT1
O
8
TEST0
I
Test pin (Must be tied to ground during normal operation.)
9D0
B
10
D1
B
11
D2
B
12
D3
B
13
D4
B
Microcontroller data bus
14
D5
B
15
D6
B
16
D7
B
17
MCK
O
Clock output to the microcontroller
18
ZCS
I
Microcontroller ZCS signal
19
NC
20
NC
21
VDDD
P
DRAM VDD: 5 V
22
VDD1
P
3.3 V
23
VSS
P
Logic system ground
24
VSSD
P
DRAM ground
25
NC
26
NC
27
SUA0
I
28
SUA1
I
29
SUA2
I
30
SUA3
I
Microcontroller address bus
31
SUA4
I
32
SUA5
I
33
SUA6
I
34
SUA7
I
35
ZWR
I
Microcontroller write signal
36
ZRD
I
Microcontroller read signal
37
FSEQ
O
Frame synchronization detection
38
DOUT/TESO
O
Digital output/tes output
39
VDD0
P
I/O system power supply: 5 V
40
VSS
P
Logic system ground
41
PLL1
I
42
PLL2
I
System Clock PLL
43
PLL3
O
44
PLL1 VDD
P
Logic PLL VDD: 3.3 V
45
PLL1 VSS
P
Logic PLL ground
46
CSEL
I
47
DD7
B
48
DD8
B
ATAPI I/F
49
DD6
B
50
DD9
B
51
VSS1
P
I/F ground
52
VDD0
P
I/O system power supply: 5 V
Continued on next page.


유사한 부품 번호 - LC895299L

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC895297 SANYO-LC895297 Datasheet
71Kb / 9P
   Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
More results

유사한 설명 - LC895299L

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
logo
Winbond
W88113C WINBOND-W88113C Datasheet
573Kb / 47P
   ATAPI CD-ROM DECODER & CONTROLLER
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
logo
Sanyo Semicon Device
LC897194 SANYO-LC897194 Datasheet
84Kb / 11P
   CD-ROM Decoder with Built-In ATAPI (IDE) and DVD ECC Interfaces
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Sanyo Semicon Device
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
LC895994 SANYO-LC895994 Datasheet
65Kb / 7P
   CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
LC897127K SANYO-LC897127K Datasheet
79Kb / 14P
   SCSI CD-ROM Decoder with On-Chip DVD Interface
LA9247T SANYO-LA9247T Datasheet
83Kb / 6P
   CD-ROM Digital Servo RF IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com