전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC89975M 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LC89975M
상세설명  PAL-Format Delay Line
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89975M 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LC89975M Datasheet HTML 1Page - Sanyo Semicon Device LC89975M Datasheet HTML 2Page - Sanyo Semicon Device LC89975M Datasheet HTML 3Page - Sanyo Semicon Device LC89975M Datasheet HTML 4Page - Sanyo Semicon Device LC89975M Datasheet HTML 5Page - Sanyo Semicon Device LC89975M Datasheet HTML 6Page - Sanyo Semicon Device LC89975M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Chrominance System Characteristics (with no signal applied to the Y-IN pin)
Luminance System Characteristics (with no signals applied to the C-IN1 and C-IN2 pins)
No. 5391-4/7
LC89975M
Parameter
Symbol
Test conditions
Switch states
min
typ
max
Unit
SW1
SW2
SW3
Pin voltage (input)
VINC-1
a
a
b
2.2
2.7
3.2
V
VINC-2
2
b
a
b
Pin voltage (output)
VOUTC-1
a
a
b
1.5
2.0
2.5
V
VOUTC-2
b
a
b
Voltage gain
GVC-1
3
a
a
b
0
2
4
dB
GVC-2
b
a
b
Comb depth
CD-1
4
a
a
b
–40
–35
dB
CD-2
b
a
b
Linearity
LNC-1
5
a
a
b
–0.3
0.0
+0.3
dB
LNC-2
b
a
b
Clock leakage (3·fsc)
LCK3C-1
a
a
b
10
50
mVrms
LCK3C-2
6
b
a
b
Clock leakage fsc)
LCK1C-1
a
a
b
0.5
1.5
mVrms
LCK1C-2
b
a
b
Noise
NC-1
7
a
a
b
0.5
2.0
mVrms
NC-2
b
a
b
Output impedance
ZOC-1
8
a
a
a, b
200
350
500
ZOC-2
b
a
a, b
0H delay time
TDC-1
9
a
a
b
245
ns
TDC-2
b
a
b
Parameter
Symbol
Test conditions
Switch states
min
typ
max
Unit
SW1
SW2
SW3
Pin voltage (input)
VINY-1
a
a
b
1.7
2.2
2.7
V
VINY-2
10
b
a
b
Pin voltage (output)
VOUTY-1
a
a
b
0.8
1.3
1.8
V
VOUTY-2
b
a
b
Voltage gain
GVY-1
11
a
a
b
0
2
4
dB
GVY-2
b
a
b
Frequency response
GFY-1
12
a
b
b
–2
0
2
dB
GFY-2
b
b
b
Differential gain
DGY-1
a
a
b
0
5
7
%
DGY-2
13
b
a
b
Differential phase
DPY-1
a
a
b
0
5
7
deg
DPY-2
b
a
b
Linearity
LSY-1
14
a
a
b
37
40
43
%
LSY-2
b
a
b
Clock leakage (3·fsc)
LCK3Y-1
a
a
b
10
50
mVrms
LCK3Y-2
15
b
a
b
Clock leakage (fsc)
LCK1Y-1
a
a
b
0.5
1.5
mVrms
LCK1Y-2
b
a
b
Noise
NY-1
16
a
a
b
0.5
2.0
mVrms
NY-2
b
a
b
Output impedance
ZOY-1
17
a
a
c, b
250
400
550
ZOY-2
b
a
c, b
Delay time
TDY-1
18
a
a
b
63.88
µs
TDY-2
b
a
b
63.43


유사한 부품 번호 - LC89975M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC89970 SANYO-LC89970 Datasheet
167Kb / 9P
   PAL CCD Delay Line?
LC89970M SANYO-LC89970M Datasheet
167Kb / 9P
   PAL CCD Delay Line?
LC89971 SANYO-LC89971 Datasheet
178Kb / 9P
   Multi-system CCD Delay Line?
LC89971M SANYO-LC89971M Datasheet
178Kb / 9P
   Multi-system CCD Delay Line?
LC89972 SANYO-LC89972 Datasheet
149Kb / 8P
   PAL CCD Delay Line???
More results

유사한 설명 - LC89975M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC89962 SANYO-LC89962 Datasheet
98Kb / 6P
   NTSC Format Delay Line
LC89925 SANYO-LC89925 Datasheet
73Kb / 4P
   PAL 1H Delay Line?
LC89973M SANYO-LC89973M Datasheet
150Kb / 8P
   PAL CCD Delay Line???
LC89972M SANYO-LC89972M Datasheet
149Kb / 8P
   PAL CCD Delay Line???
LC89970 SANYO-LC89970 Datasheet
167Kb / 9P
   PAL CCD Delay Line?
LC89977M SANYO-LC89977M Datasheet
83Kb / 7P
   CCD Delay Line for PAL
LC8992 SANYO-LC8992 Datasheet
66Kb / 4P
   PAL CCD 1H Delay Line
logo
Sony Corporation
CXL1511M SONY-CXL1511M Datasheet
125Kb / 14P
   CCD Delay Line for PAL
logo
Sanyo Semicon Device
LC89950 SANYO-LC89950 Datasheet
98Kb / 5P
   1H Delay Line for PAL Systems
logo
Sony Corporation
CXL5505M SONY-CXL5505M Datasheet
125Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com