전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC99063-LF2 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LC99063-LF2
상세설명  CCD Digital Signal Processing IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC99063-LF2 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LC99063-LF2 Datasheet HTML 1Page - Sanyo Semicon Device LC99063-LF2 Datasheet HTML 2Page - Sanyo Semicon Device LC99063-LF2 Datasheet HTML 3Page - Sanyo Semicon Device LC99063-LF2 Datasheet HTML 4Page - Sanyo Semicon Device LC99063-LF2 Datasheet HTML 5Page - Sanyo Semicon Device LC99063-LF2 Datasheet HTML 6Page - Sanyo Semicon Device LC99063-LF2 Datasheet HTML 7Page - Sanyo Semicon Device LC99063-LF2 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Overview
The LC99063-LF2 is a color video signal processor for
use with the LC9997M/FL.
Package Dimensions
unit: mm
3181B-SQFP100
CMOS IC
51398RM (OT) No. 5787-1/8
SANYO: SQFP100
[LC99063-LF2]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
CCD Digital Signal Processing IC
LC99063-LF2
Ordering number : EN5787
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD max
–0.3 to +4.6
V
I/O voltage
VI1, VO
For pin type 1
–0.3 to VDD +0.3
V
Input voltage
VI2
For pin type 2
–0.3 to +7.3
V
Allowable power dissipation
Pd max
400
mW
Operating temperature
Topr
–15 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Solder resistance (Hand soldering)
3s
350
°C
Solder resistance (Reflow)
10s
235
°C
I/O current
Ii, Io
*
±20
mA
Specifications
Absolute Maximum Ratings at VSS = 0 V
The pin types above refer to the following groups.
(1) DIN[32:9], DEVICE, MIRRO, SUPER, INMODE, WBHL, DOSL, SSET [2:1], OMODE [4:1], RES, DOUT [24:1], HREF, VDO, HDO, CLKOUT, ANA1,
ANA2, IREFOT1, IREFOT2, VREF1, VREF2, COMP1, COMP2
(2) DIN[8:1], CLK14M, CLK10M, HDI, VDI, HREF53, ENS, DATAS, CLKS, REGRES
*: This value is for a single I/O basic cell.
(1) DIN[32:9], DEVICE, MIRRO, SUPER, INMODE, WBHL, DOSL, SSET [2:1], OMODE [4:1], RES
(2) DIN[8:1], CLK14M, CLK10M, HDI, VDI, HREF53, ENS, DATAS, CLKS, REGRES
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
3
3.3
3.6
V
Input voltage range 1
Vin1
For pin type 1
0
VDD
V
Input voltage range 2
Vin2
For pin type 2
0
+5.3
V
Allowable Operating Ranges at Ta = –15 to +70°C, VSS = 0 V


유사한 부품 번호 - LC99063-LF2

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC99062-W50 SANYO-LC99062-W50 Datasheet
184Kb / 7P
   Image Sensor Signal Processing LSI?
More results

유사한 설명 - LC99063-LF2

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
HD49801FB ETC1-HD49801FB Datasheet
185Kb / 43P
   Digital Signal Processing IC for CCD Cameras
logo
Hamamatsu Corporation
C9266-03 HAMAMATSU-C9266-03 Datasheet
497Kb / 5P
   CCD signal processing module
logo
Sanyo Semicon Device
LV1100 SANYO-LV1100 Datasheet
142Kb / 10P
   Digital Surround Audio Signal-Processing IC
logo
Sharp Corporation
IR3Y48A1 SHARP-IR3Y48A1 Datasheet
195Kb / 34P
   CCD SIGNAL PROCESS & DIGITAL INTERFACE IC
IR3Y38M SHARP-IR3Y38M Datasheet
152Kb / 21P
   CCD Signal Process & Digital Interface IC
logo
Agamem Microelectronic ...
AA88048 AGAMEM-AA88048 Datasheet
50Kb / 1P
   CCD SIGNAL PROCESS & DIGITAL INTERFACE IC
logo
Sharp Corporation
IR3Y48M SHARP-IR3Y48M Datasheet
176Kb / 31P
   CCD Signal Process & Digital Interface IC
logo
Sanyo Semicon Device
LA7265W SANYO-LA7265W Datasheet
569Kb / 23P
   Single-Chip Black and White CCD Camera signal Processing IC
logo
Panasonic Semiconductor
AN5767K PANASONIC-AN5767K Datasheet
60Kb / 6P
   Synchronizing signal processing IC
logo
NXP Semiconductors
PCF5083 PHILIPS-PCF5083 Datasheet
602Kb / 136P
   GSM signal processing IC
1996 Oct 29
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com