전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK12C68-C45I 데이터시트(PDF) 1 Page - Cypress Semiconductor

부품명 STK12C68-C45I
상세설명  64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK12C68-C45I 데이터시트(HTML) 1 Page - Cypress Semiconductor

  STK12C68-C45I Datasheet HTML 1Page - Cypress Semiconductor STK12C68-C45I Datasheet HTML 2Page - Cypress Semiconductor STK12C68-C45I Datasheet HTML 3Page - Cypress Semiconductor STK12C68-C45I Datasheet HTML 4Page - Cypress Semiconductor STK12C68-C45I Datasheet HTML 5Page - Cypress Semiconductor STK12C68-C45I Datasheet HTML 6Page - Cypress Semiconductor STK12C68-C45I Datasheet HTML 7Page - Cypress Semiconductor STK12C68-C45I Datasheet HTML 8Page - Cypress Semiconductor STK12C68-C45I Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
STK12C68
64 Kbit (8K x 8) AutoStore nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-51027 Rev. *C
Revised March 7, 2011
Features
25 ns, 35 ns, and 45 ns access times
Hands off automatic STORE on power down with external 68
µF capacitor
STORE to QuantumTrap nonvolatile elements is initiated by
software, hardware, or AutoStore on power down
RECALL to SRAM initiated by software or power up
Unlimited Read, Write, and Recall cycles
1,000,000 STORE cycles to QuantumTrap
100 year data retention to QuantumTrap
Single 5V+10% operation
Commercial and industrial temperatures
228-pin (330mil) SOIC, 28-pin (300mil) PDIP, 28-pin (600mil)
PDIP packages
28-pin (300 mil) CDIP and 28-pad (350 mil) LCC packages
RoHS compliance
Functional Description
The Cypress STK12C68 is a fast static RAM with a nonvolatile
element in each memory cell. The embedded nonvolatile
elements incorporate QuantumTrap technology producing the
world’s most reliable nonvolatile memory. The SRAM provides
unlimited read and write cycles, while independent nonvolatile
data resides in the highly reliable QuantumTrap cell. Data
transfers from the SRAM to the nonvolatile elements (the
STORE operation) takes place automatically at power down. On
power up, data is restored to the SRAM (the RECALL operation)
from the nonvolatile memory. Both the STORE and RECALL
operations are also available under software control. A hardware
STORE is initiated with the HSB pin.
STORE/
RECALL
CONTROL
POWER
CONTROL
SOFTWARE
DETECT
STATIC RAM
ARRAY
128 X 512
Quantum Trap
128 X 512
STORE
RECALL
COLUMN I/O
COLUMN DEC
OE
CE
WE
HSB
VCC
VCAP
A0
- A12
A0 A1 A2 A3 A4 A10
A5
A6
A7
A8
A9
A11
A12
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
Logic Block Diagram
[+] Feedback


유사한 부품 번호 - STK12C68-C45I

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK12C68-C45I ETC-STK12C68-C45I Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C45I ETC-STK12C68-C45I Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK12C68-C45IM ETC1-STK12C68-C45IM Datasheet
64Kb / 10P
   CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
More results

유사한 설명 - STK12C68-C45I

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY14B104LA_1106 CYPRESS-CY14B104LA_1106 Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14V104LA CYPRESS-CY14V104LA Datasheet
910Kb / 22P
   4-Mbit (512 K x 8 / 256 K x 16) nvSRAM 25 ns and 45 ns access times
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
CY14B104K_1106 CYPRESS-CY14B104K_1106 Datasheet
1Mb / 35P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com